Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT2803QJ-T Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT2803QJ-T
Description  5V/2.4A Dual Cell Battery Power Manager
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2803QJ-T Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT2803QJ-T Datasheet HTML 4Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 5Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 6Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 7Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 8Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 9Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 10Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 11Page - Active-Semi, Inc ACT2803QJ-T Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Rev 1, May-12-2016
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2803
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
TH Low Threshold
Charge mode
1
V
Discharge mode
0.57
V
System Management
VREG Output Current
50
mA
PB Rising Threshold
PB Rising, discharge mode
0.95
V
PB Falling Threshold
PB Falling, discharge mode
0.75
V
PB internal pull up resistance
Pull up to internal supply
1.2
Fault Condition Alarm Frequency
0.5s on and 0.5s off
1.0
Hz
Fault Condition Alarm Timer
10
s
LED Indication
LED1-4 Indication Level Setting
5.5
8.8
V
LED Sink Current
3
mA
LED1-4 Scan Interval
For each LED pattern before lighting LEDs
0.5
s
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)


Similar Part No. - ACT2803QJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2803QJ-T ACTIVE-SEMI-ACT2803QJ-T Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803QJ-T0435 ACTIVE-SEMI-ACT2803QJ-T0435 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
More results

Similar Description - ACT2803QJ-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2804 ACTIVE-SEMI-ACT2804_17 Datasheet
558Kb / 23P
   5V/3.4A Dual Cell Battery Power Manager
Rev 3, Apr-17-2017
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com