Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE8450A-D3-125.000-4-FR5 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CE8450A-D3-125.000-4-FR5
Description  HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CE8450A-D3-125.000-4-FR5 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CE8450A-D3-125.000-4-FR5 Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
13.97
.550
12
34
MARKING
AREA
5.08
.200
PREHEATING
REFLOW
COOLING
240 °C
150 °C
25 °C
TIME (SECONDS)
100 s TYPICAL
10 s
HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR
FOR GIGABIT ETHERNET APPLICATIONS
MODEL CE8450A
SPECIFICATIONS
PIN CONNECTION
OUTLINE DRAWING
PACKAGING
REFLOW SOLDERING PROFILE
Scale none Dimension in
mm
inch
FEATURES
SMALL SMD PACKAGE
LOW JITTER
3rd OVERTONE CRYSTAL DESIGN
REVISION: A
DATE: 4/4/03
PIN
FUNCTION
2
CASE/GND
3OUTPUT
1
N.C. OR E/D
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNIT
SUPPLY VOLTAGE, NOMINAL
Vcc
Vcc ±5%
3.3
V
SUPPLY CURRENT, MAX
Is
Vcc=3.3V, Ta=25ºC, 15pF LOAD
70.0
mA
NOMINAL FREQUENCY
fo
-
125.00, 133.00, 156.25
MHz
OVERALL FREQUENCY STABILITY MAX
f/fc (Ta)
Ta=-40ºC to +85ºC, (REF. TO 25ºC),
Vcc=+3.3 VDC, 15pF LOAD
±50.0
PPM
HCMOS
VOH / VOL
LOAD=15pF; Vcc=3.3V
2.97 / 0.3
V
DUTY CYCLE
DC
LOAD, NOM. / 50% Vcc
40 TO 60
%
RISE & FALL TIME, MAX
tr / tf
20% TO 80% Vout, 80% TO 20% Vout
3
ns
ENABLE OPTION
DISABLE OPTION
(pin 1)
(pin 1)
PIN 1 = "HIGH" OR OPEN
PIN 1 = "LOW " OR GROUND
OSCILLATING
TRI-STATE (OUTPUT PIN HIGH-Z)
-
-
JITTER
J
Fj > 1 KHz, 1
1 pS RMS
pS
STORAGE TEMPERATURE
T(store)
-
-55 TO +125
ºC
ABSOLUTE VOLTAGE RANGES
Vcc, Vc(abs) NON-DESTRUCTIVE, DC
-0.5 TO +7.0
V
53 PIECES PER PLASTIC TUBE
Tolerance
± 0.04
± .002
CE8450A-D3-125.000-4-FR5
EXAMPLE:


Similar Part No. - CE8450A-D3-125.000-4-FR5

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CE8450A-D3-125.000-4 RALTRON-CE8450A-D3-125.000-4 Datasheet
28Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
More results

Similar Description - CE8450A-D3-125.000-4-FR5

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO8920A RALTRON-CO8920A Datasheet
43Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
CO4605 RALTRON-CO4605 Datasheet
35Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
CE8450A RALTRON-CE8450A Datasheet
28Kb / 1P
   HIGH FREQUENCY, LOW JITTER, SMD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
CE2450A RALTRON-CE2450A Datasheet
27Kb / 1P
   HIGH FREQUENCY, LOW JITTER, LEADED OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
CE7450A RALTRON-CE7450A Datasheet
39Kb / 1P
   HIGH FREQUENCY, LOW JITTER, LEADED OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
VC7225A RALTRON-VC7225A Datasheet
40Kb / 1P
   HIGH FREQUENCY, LOW JITTER, LEAD OSCILLATOR FOR GIGABIT ETHERNET APPLICATIONS
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com