Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5172S Datasheet(PDF) 9 Page - SamHop Microelectronics Corp.

Part # SM5172S
Description  3 RF ENCODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5172S Datasheet(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button SM5172S Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5172S Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5172S Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5172S Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5172S Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5172S Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5172S Datasheet HTML 10Page - SamHop Microelectronics Corp. SM5172S Datasheet HTML 11Page - SamHop Microelectronics Corp. SM5172S Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page 9
OCT. 2001
Single Resistor Oscillator
SM5172's oscillator be constructed by connecting a resistor between OSC1 and OSC2 pin.
SM5172's OSC frequency must be 1.8 to 5.8 times more than SM5162.
300
0
36
9
12
15 VOLTAGE
R = 100 K
R = 300 K
R = 620 K
R = 680 K
R = 820 K
R = 1.0 M
200
100
50
110
250
R = 510K
R = 1.2 M
R = 2.7 M
R = 3.0 M
R = 3.3 M
R = 4.3 M
Encoder OSC Frequency
Dncoder OSC Frequency
Suggested oscillator resistor of SM5162/ SM5172:
SM5162
SM5172
4.7M OHM
820K OHM
3.0M OHM
620K OHM
2.2M OHM
300K OHM
1.2M OHM
180K OHM
KHz
100
KHz
0
36
9
12
15 VOLTAGE
90
80
70
60
50
40
30
20
10
SM5172
312 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Similar Part No. - SM5172S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5172 SAMHOP-SM5172 Datasheet
60Kb / 12P
   RF remote control encoder paired with SM5172.
More results

Similar Description - SM5172S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5262B SAMHOP-SM5262B Datasheet
60Kb / 12P
   3 RF ENCODER
SM5028 SAMHOP-SM5028 Datasheet
45Kb / 8P
   RF ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
   RF Keyboard Encoder
logo
List of Unclassifed Man...
M5E ETC1-M5E Datasheet
191Kb / 8P
   3 STATES ENCODER
M318E ETC2-M318E Datasheet
142Kb / 5P
   3 STATES ENCODER
M3EB ETC2-M3EB Datasheet
89Kb / 7P
   3 STATES ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com