Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL354CEZ-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL354CEZ-RL7
Description  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL354CEZ-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL354CEZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 11Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 12Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 13Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 14Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 11 of 42
TYPICAL PERFORMANCE CHARACTERISTICS
All figures include data for multiple devices and multiple lots, and they were taken in the ±2 g range, unless otherwise noted.
0.01
0.1
1
10
10
100
1000
FREQUENCY (Hz)
Figure 7. ADXL354 Frequency Response for X-Axis
0.01
0.1
1
10
10
100
1000
FREQUENCY (Hz)
Figure 8. ADXL354 Frequency Response for Y-Axis
0.1
1
10
10
100
1000
FREQUENCY (Hz)
Figure 9. ADXL354 Frequency Response for Z-Axis
FREQUENCY (Hz)
0.01
0.1
1
10
100
1000
Figure 10. ADXL355 Normalized Frequency Response for X-Axis at 4 kHz ODR
FREQUENCY (Hz)
0.01
0.1
1
10
100
1000
Figure 11. ADXL355 Normalized Frequency Response for Y-Axis at 4 kHz ODR
FREQUENCY (Hz)
0.01
0.1
1
10
100
1000
Figure 12. ADXL355 Normalized Frequency Response for Z-Axis at 4 kHz ODR


Similar Part No. - ADXL354CEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Similar Description - ADXL354CEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com