Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM7223CCCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADuM7223CCCZ
Description  High-side or low-side relative to input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM7223CCCZ Datasheet(HTML) 3 Page - Analog Devices

  ADuM7223CCCZ Datasheet HTML 1Page - Analog Devices ADuM7223CCCZ Datasheet HTML 2Page - Analog Devices ADuM7223CCCZ Datasheet HTML 3Page - Analog Devices ADuM7223CCCZ Datasheet HTML 4Page - Analog Devices ADuM7223CCCZ Datasheet HTML 5Page - Analog Devices ADuM7223CCCZ Datasheet HTML 6Page - Analog Devices ADuM7223CCCZ Datasheet HTML 7Page - Analog Devices ADuM7223CCCZ Datasheet HTML 8Page - Analog Devices ADuM7223CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADuM7223
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Operation................................ 3
Electrical Characteristics—3.3 V Operation ............................ 4
Package Characteristics ............................................................... 6
Insulation and Safety-Related Specifications............................ 6
Recommended Operating Conditions ...................................... 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions..............................8
Typical Performance Characteristics ..............................................9
Applications Information .............................................................. 11
Printed Circuit Board (PCB) Layout ....................................... 11
Propagation Delay-Related Parameters................................... 11
Thermal Limitations and Switch Load Characteristics......... 11
Output Load Characteristics..................................................... 11
DC Correctness and Magnetic Field Immunity..................... 12
Power Consumption .................................................................. 13
Insulation Lifetime..................................................................... 13
Outline Dimensions....................................................................... 14
Ordering Guide .......................................................................... 14
REVISION HISTORY
4/14—Rev. 0 to Rev. A
Added B Model and C Model ...................................... Throughout
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Printed Circuit Board (PCB) Layout Section
and Thermal Limitations and Switch Load Characteristics
Section.............................................................................................. 11
Changes to Ordering Guide .......................................................... 14
10/13—Revision 0: Initial Version
Rev. A | Page 2 of 16


Similar Part No. - ADuM7223CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM7234 AD-ADUM7234 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADuM7234BRZ AD-ADuM7234BRZ Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234BRZ AD-ADUM7234BRZ Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results

Similar Description - ADuM7223CCCZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
   Low side or high side switch configuration
October 2006 Rev 2
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
   Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
   Low-Cost Dual High- or Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com