Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML512 Datasheet(PDF) 1 Page - Rohm

Part # SML512
Description  Low Current Type (IF=<10mA) Mini-molded chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML512 Datasheet(HTML) 1 Page - Rohm

  SML512 Datasheet HTML 1Page - Rohm SML512 Datasheet HTML 2Page - Rohm SML512 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT LED LAMPS
External Dimensions(Unit:mm)
Low Current Type (IF≦10mA) Mini-molded chip LEDs
SML512 Series
(Typ.)
Directivity
The recommended thickness of the screen mask
for soldering is between 100 and 200μm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Packaging Spacifications(Unit:mm)
Recommemded Pad Layout
1608
(0603)
1.6
×0.8
t=0.55
Relative INTENSITY (
%)
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
* IFP measured under duty ≦1/10,1kHz.
100
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
Transparent Clear
Note) "-" will be taken out for emitting color B series.
-30 to +85
Tolerance:
±0.1
VR
(V)
∆λ
Absolute Maximum Ratings(Ta=25℃)
Electrical Optical Characteristics(Ta=25℃)
0.8
Feeding direction
2
4
φ1.5
1
0.73
φ13
φ60
φ180
Package Size
(mm)
Tape Spacifications:T86〈3,000pcs/reel〉
Reel Spacifications
Blue
InGaN on SiC
SML512BC4T
Blue
74
20
100
5
-40 to +100
SML512BC4T
2.9
5
5
468
5.6
14
26
55
SCANNING ANGLE (deg)
1.0
Electrode
Cathode index
1.2
(0.25)
Chip Center Position
1.6
(Unit:mm)
Y’
X’
Peak
forward
current
*IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
°C)
Stotage
temperature
Tstg
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
468nm
SML512BC4T


Similar Part No. - SML512

ManufacturerPart #DatasheetDescription
logo
Rohm
SML512BC5T ROHM-SML512BC5T Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML512BC5T ROHM-SML512BC5T Datasheet
101Kb / 3P
   <1.6 0.8 t=0.55mm> Low Current Type
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   Original device technology enables high brightness
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   SML-51 Series
SML512BC5T ROHM-SML512BC5T Datasheet
1Mb / 4P
   SML-51 Series
More results

Similar Description - SML512

ManufacturerPart #DatasheetDescription
logo
Rohm
SML412 ROHM-SML412 Datasheet
148Kb / 3P
   Low Current Type (IF =<10mA) Mini-molded chip LEDs
SML-211 ROHM-SML-211 Datasheet
462Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
   Low Current Type (IF=<10mA) Side view chip LEDs
SML-811 ROHM-SML-811 Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
SML-310DTT86 ROHM-SML-310DTT86 Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-210 ROHM-SML-210 Datasheet
653Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310 ROHM-SML-310 Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com