Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3336 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3336
Description  Customer supplied 6 V to 12 V bench supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3336 Datasheet(HTML) 5 Page - Analog Devices

  ADP3336 Datasheet HTML 1Page - Analog Devices ADP3336 Datasheet HTML 2Page - Analog Devices ADP3336 Datasheet HTML 3Page - Analog Devices ADP3336 Datasheet HTML 4Page - Analog Devices ADP3336 Datasheet HTML 5Page - Analog Devices ADP3336 Datasheet HTML 6Page - Analog Devices ADP3336 Datasheet HTML 7Page - Analog Devices ADP3336 Datasheet HTML 8Page - Analog Devices ADP3336 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ADA4571R-EBZ User Guide
UG-739
HOW TO USE THE SOFTWARE
STARTING UP THE EVALUATION GUI
For maximum performance when the evaluation board is first
powered up, control both the motor and the board using an
external bench power supply. The jumper settings for P9 and
P10 should be set for Ext Motor and Ext +5V as indicated on
the board.
Plug the positive supply for the board into the red terminal, P7,
on the motherboard. This terminal requires 6 V to 12 V which
is then regulated to 5 V on the motherboard using the on-board
ADP3336. This supply powers both the on-board ADC, AD7866,
as well as the daughter board containing the ADA4571.
Plug the positive supply for the motor into the blue terminal,
P6, on the motherboard. Due to mechanical nonlinearities of
the dc motor, such as cogging during coil commuting, extra
errors are introduced to the system at higher rotational
velocities. For best performance, apply 3 V to Ext Motor
terminal. If the motor supplied is a brushless dc motor; 3 V
results in rotational speeds of approximately 2,000 RPM. Speeds
up to 10,000 RPM are possible with a supply voltage of 12 V
applied to this terminal. If the motor supplied is a brushed dc
motor, 3 V results in rotational speeds of approximately
200 RPM.
The nonidealities of the motor result in a higher reported
nonlinearity of the device. This is an artifact of the motor
and not the ADA4571. With an ideal magnetic stimulus, the
ADA4571 has the same angular error performance regardless
of rotational velocity.
Rev. 0 | Page 5 of 13


Similar Part No. - ADP3336

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3336 AD-ADP3336 Datasheet
443Kb / 9P
   Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
   Adjustable Low Dropout Regulator
REV. A
More results

Similar Description - ADP3336

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
   Supply voltage 6 to 48 V
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com