Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19BGT-2-2210-18R4 Datasheet(PDF) 4 Page - ETAL Group

Part # 19BGT-2-2210-18R4
Description  Power-D-Box with sockets pre-wired
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

19BGT-2-2210-18R4 Datasheet(HTML) 4 Page - ETAL Group

  19BGT-2-2210-18R4 Datasheet HTML 1Page - ETAL Group 19BGT-2-2210-18R4 Datasheet HTML 2Page - ETAL Group 19BGT-2-2210-18R4 Datasheet HTML 3Page - ETAL Group 19BGT-2-2210-18R4 Datasheet HTML 4Page - ETAL Group 19BGT-2-2210-18R4 Datasheet HTML 5Page - ETAL Group 19BGT-2-2210-18R4 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Power-D-Box with sockets pre-wired
www.e-t-a.de
Power-D-Box with sockets pre-wired
1
1 - 92
2013/14
Termination
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
busbar X1 (max. 63 A)
pre-wiring of signalisation,
group signalisation - series connection
line terminal X22150301
10...16 (25) mm2,
plug-on type (optional)
1 mm2
signal busbar X3
signal busbar X4
F1
F2
F6
F7
F8
F12
F25
F26
F30
socket type 63-P10-Si (6-way)
circuit breaker types 2210-S21x.../3600.../3900
plug-in type (not included)
2210
2
12
24
n.c.
23
11
1
3600/
3900
1
4
6
3
7
5
2
pin assignment
socket 63-P10-Si
(per pole)
load terminal pin 1, blade terminals 6.3 mm
auxiliary contact terminals:
11-12 make contact, blade terminals 6.3 mm
auxiliary contact terminals:
23-24 break contact, blade terminals 6.3 mm
19BGT-2-2210/3600-30A0-
B1
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
1 mm2
F1
F2
F6
F7
F8
F12
F25
F26
F30
circuit breaker types
2210-S21x.../3600.../3900...
plug-in type (not included)
2210
2
12
24
n.c.
23
11
1
3600/
3900
1
4
6
3
7
5
2
19BGT-2-2210/3600-30A0-
B2
22412
12311
1 mm2
plugged-in busbar 6-way
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
pre-wiring of line feed,
1-pole protected by return busbar
F1
F2
F6
F7
F25
F26
F30
2210
2
12
24
n.c.
23
11
1
3600/
3900
1
4
6
3
7
5
2
load terminals 1. pole to PIN 1, blade terminals 6.3 mm
load terminals 2. pole to return busbar X2,
blade terminals 6.3 mm
auxiliary contact terminals: 11-12 make contact,
blade terminals 6.3 mm
auxiliary contact terminals: 23-24 break contact,
blade terminals 6.3 mm
19BGT-2-2210/3600-30
A2-B0
22412
12311
2.5 mm2
2.5 mm2
2.5 mm 2
F8
F12
return busbar X2
(max. 63 A)
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
22412
12311
A1
A2
A6
A15B25
B30
2210
2
12
24
n.c.
23
11
1
3600/
3900
1
4
6
3
7
5
2
19BGT-2-2210/3600-30
R2-B0
22412
12311
2.5 mm2
2.5 mm2
2.5 mm2
A16B1
22412
12311
B2
B26
2.5 mm2
plugged-in busbar
6-way
group A
separation line
F1
F2
F3
F4
F13F14
F15
2210
2
12
24
n.c.
23
11
1
3600/
3900
1
4
6
3
7
5
2
load terminals:
Pin 1 (+/-), Pin 3 (+/-), blade terminal 6.3 mm
auxiliary contact terminals:
11-12 make contact, blade terminals 6.3 mm
auxiliary contact terminals:
23-24 break contact, blade terminals 6.3 mm
19BGT-2-2210/3600-30
A4-B0
F5
F6
22412
12311
4
3
22412
12311
4
3
22412
12311
4
3
22412
12311
4
3
22412
12311
4
3
22412
12311
4
3
22412
12311
4
3
22412
12311
4
3
22412
12311
4
3
2.5
mm2
+/L
-/N
F1
F2
F6
F7
F25F26
F30
electronic circuit breaker type ESS20
or electronic circuit protector
plug-in type (not included)
ESS20
LINE
Gnd
SC
n.c.
SO
LOAD
ESX10
1LINE
11Gnd
13SC
n.c.
14SO
2LOAD
load terminals LOAD(+), blade terminals 6.3 mm
auxiliary contact terminals SC-SO make contact,
blade terminals 6.3 mm
19BGT-2-ESS20/ESX10-30
A4-B0
F8
F12
2.5 mm2
SC SO
SC SO
SC SO
SC SO
SC SO
SC SO
SC SO
SC SO
SC SO
2.5 mm2
2.5 mm2
2.5 mm2
pre-wiring of signalisation,
group signalisation - parallel connection
busbar X1 (max. 63 A)
line terminal X22150301
10...16 (25) mm2,
plug-on type (optional)
signal busbar X3
signal busbar X4
socket type 63-P10-Si (6-way)
load terminal pin 1, blade terminals 6.3 mm
auxiliary contact terminals:
11-12 make contact, blade terminals 6.3 mm
auxiliary contact terminals:
23-24 break contact, blade terminals 6.3 mm
pin assignment
socket 63-P10-Si
(per pole)
line terminal X22150301
25 mm2, plug-on type (optional)
busbar X1 (max. 63 A)
circuit breaker types
2210-S21x...
/3600.../3900...
plug-in type
(not included)
socket type 63-P10-Si
(6-way)
plugged-in busbar
6-way
line terminal X22150301
25 mm2, plug-on type (optional)
pin assignment
socket 63-P10-Si
(per pole)
pre-wiring of line feed,
1-pole protected, redundant
line terminal X22150301
25 mm2, plug-in type (optional)
busbar X2 (max. 63 A)
busbar X1 (max. 63 A)
group B
circuit breaker types
2210-S21x.../3600.../3900
plug-in type (not included)
socket type
63-P10-Si (6-way)
load terminal pin 1, blade terminals 6.3 mm
auxiliary contact terminals:
11-12 make contact, blade terminals 6.3 mm
auxiliary contact terminals:
23-24 break contact, blade terminals 6.3 mm
pin assignment
socket 63-P10-Si
(per pole)
pre-wiring of line feed,
2-pole protected/switched
busbar X1 (max. 63 A)
busbar X2 (max. 63 A)
line terminal X22150301
25 mm2, plug-in type (optional)
socket type
63-P10-Si (6-way)
pin assignment
socket 63-P10-Si
(per pole)
circuit breaker types
2210-S21x.../3600.../3900
plug-in type (not included)
pre-wiring of line feed,
1-pole protected
busbar X1 (max. 63 A)
busbar X2 (max. 63 A)
line terminal X22150301
10...16 (25) mm2,
plug-on type (optional)
plugged-in busbar
6-way
socket type
63-P10-Si (6-way)
pin assignment
socket 63-P10-Si
(per pole)


Similar Part No. - 19BGT-2-2210-18R4

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
19BG6-GA GEC-19BG6-GA Datasheet
383Kb / 4P
   BEAM PENTODE
More results

Similar Description - 19BGT-2-2210-18R4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-03219PC GLENAIR-240-03219PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
   Pre-wired Sensors (AWG28).
logo
Pepperl+Fuchs Inc.
V7-W PF-V7-W Datasheet
120Kb / 1P
   Non pre-wired cable socket
2009-06-08
V16-W PF-V16-W Datasheet
77Kb / 1P
   Non pre-wired cable socket
2008-11-06
V16S-G PF-V16S-G Datasheet
67Kb / 1P
   Non pre-wired cable connector
2007-06-14
V31S-GM PF-V31S-GM Datasheet
71Kb / 1P
   Non pre-wired cable connector
2009-07-02
logo
Glenair, Inc.
M83513-03-A01C GLENAIR-M83513-03-A01C Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
logo
Pepperl+Fuchs Inc.
V16-G PF-V16-G Datasheet
66Kb / 1P
   Non pre-wired cable socket
2007-06-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com