Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53S164-K00N1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53S164-K00N1
Description  Adaptor 4.3-10 jack ??N plug
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53S164-K00N1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53S164-K00N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53S164-K00N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
4.3-10
Adaptor
4.3-10 jack – N plug
53S164-K00N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
4.3-10 side:
IEC 61169-54
N side:
IEC 61169-16, MIL-PRF-39012, CECC 22210
Documents
Assembly instruction
N/A
Material and plating
Connector parts
Material
Plating
Center contact
4.3-10 side:
CuBe
Silver, 3-6 µm
Center contact
N side:
Brass
Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Gasket
Silicone


Similar Part No. - 53S164-K00N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53S164-S00N1 ROSENBERGER-53S164-S00N1 Datasheet
123Kb / 2P
   Adaptor 4.3-10 plug ??N plug
More results

Similar Description - 53S164-K00N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53K164-S00N1 ROSENBERGER-53K164-S00N1 Datasheet
94Kb / 2P
   Adaptor 4.3-10 plug ??N jack
32S164-K00N1 ROSENBERGER-32S164-K00N1 Datasheet
269Kb / 2P
   Adaptor 4.3-10 jack ??SMA plug
32K164-S00N1 ROSENBERGER-32K164-S00N1 Datasheet
564Kb / 2P
   Adaptor 4.3-10 plug ??SMA jack
53S164-S00N1 ROSENBERGER-53S164-S00N1 Datasheet
123Kb / 2P
   Adaptor 4.3-10 plug ??N plug
60S164-K00N1 ROSENBERGER-60S164-K00N1 Datasheet
377Kb / 2P
   Adaptor 4.3-10 Jack ??7/16 Plug
60K164-S60N1 ROSENBERGER-60K164-S60N1 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
60K164-S00N1 ROSENBERGER-60K164-S00N1 Datasheet
357Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
logo
Amphenol Corporation
AD-4310PSMAJ-1 AMPHENOL-AD-4310PSMAJ-1 Datasheet
227Kb / 1P
   SMA JACK TO 4.3/10 PLUG GRADE 0 ADAPTOR
AD-4310P4310J-1 AMPHENOL-AD-4310P4310J-1 Datasheet
245Kb / 1P
   4.3-10 JACK TO 4.3-10 PLUG ADAPTER
logo
Rosenberger Hochfrequen...
60S164-S00N1 ROSENBERGER-60S164-S00N1 Datasheet
117Kb / 2P
   Adaptor 4.3-10 plug ??7/16 plug
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com