Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5671R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5671R
Description  Easy implementation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5671R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5671R Datasheet HTML 3Page - Analog Devices AD5671R Datasheet HTML 4Page - Analog Devices AD5671R Datasheet HTML 5Page - Analog Devices AD5671R Datasheet HTML 6Page - Analog Devices AD5671R Datasheet HTML 7Page - Analog Devices AD5671R Datasheet HTML 8Page - Analog Devices AD5671R Datasheet HTML 9Page - Analog Devices AD5671R Datasheet HTML 10Page - Analog Devices AD5671R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5676
Data Sheet
Rev. B | Page 6 of 27
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2.
VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ 5.5 V, VREF = 2.5 V, all specifications −40°C to +125°C, unless otherwise noted.
Table 4.
1.8 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter1
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
20
20
ns
SCLK High Time
t2
4
1.7
ns
SCLK Low Time
t3
4.5
4.3
ns
SYNC to SCLK Falling Edge Setup Time
t4
15.1
10.1
ns
Data Setup Time
t5
0.8
0.8
ns
Data Hold Time
t6
+0.1
−0.8
ns
SCLK Falling Edge to SYNC Rising Edge
t7
0.95
1.25
ns
Minimum SYNC High Time (Single, Combined, or All Channel Update)
t8
9.65
6.75
ns
SYNC Falling Edge to SCLK Fall Ignore
t9
4.75
9.7
ns
LDAC Pulse Width Low
t10
4.85
5.45
ns
SCLK Falling Edge to LDAC Rising Edge
t11
41.25
25
ns
SCLK Falling Edge to LDAC Falling Edge
t12
26.35
20.3
ns
RESET Minimum Pulse Width Low
t13
4.8
6.2
ns
RESET Pulse Activation Time
t14
132
80
ns
Power-Up Time2
5.15
5.18
μs
1
Maximum SCLK frequency is 50 MHz at VDD = 2.7 V to 5.5 V, 1.8 V ≤ VLOGIC ≤ VDD. Guaranteed by design and characterization; not production tested.
2
Time to exit power-down to normal mode of AD5676 operation, 32nd clock edge to 90% of DAC midscale value, with output unloaded.
t4
t3
SCLK
SYNC
SDI
t1
t2
t5
t6
t7
t8
DB23
t9
t10
t11
LDAC1
LDAC2
t12
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
RESET
t13
t14
VOUTx
DB0
Figure 2. Serial Write Operation


Similar Part No. - AD5671R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5671R AD-AD5671R Datasheet
841Kb / 32P
   Base station power amplifiers
AD5671RBCPZ-REEL7 AD-AD5671RBCPZ-REEL7 Datasheet
841Kb / 32P
   Base station power amplifiers
AD5671RBCPZ-RL AD-AD5671RBCPZ-RL Datasheet
841Kb / 32P
   Base station power amplifiers
AD5671RBRUZ AD-AD5671RBRUZ Datasheet
841Kb / 32P
   Base station power amplifiers
AD5671RBRUZ-REEL7 AD-AD5671RBRUZ-REEL7 Datasheet
841Kb / 32P
   Base station power amplifiers
More results

Similar Description - AD5671R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
STMicroelectronics
AN2614 STMICROELECTRONICS-AN2614 Datasheet
128Kb / 12P
   Serial numbering implementation
logo
List of Unclassifed Man...
MX98905B ETC1-MX98905B Datasheet
352Kb / 86P
   The MX98905 is designed for easy implementation of CSMA/CD local area networks,
logo
Fairchild Semiconductor
AN-9720 FAIRCHILD-AN-9720 Datasheet
236Kb / 7P
   Power Path Implementation Tradeoffs
logo
STMicroelectronics
AN1645 STMICROELECTRONICS-AN1645 Datasheet
609Kb / 22P
   STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Silicon Laboratories
AN451 SILABS-AN451 Datasheet
87Kb / 14P
   WIRELESS M-BUS SOFTWARE IMPLEMENTATION
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
logo
STMicroelectronics
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
   This application note presents the implementation
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com