Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19BGT-2-1048-24R2 Datasheet(PDF) 5 Page - ETAL Group

Part # 19BGT-2-1048-24R2
Description  Power-D-Box with sockets pre-wired
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

19BGT-2-1048-24R2 Datasheet(HTML) 5 Page - ETAL Group

  19BGT-2-1048-24R2 Datasheet HTML 1Page - ETAL Group 19BGT-2-1048-24R2 Datasheet HTML 2Page - ETAL Group 19BGT-2-1048-24R2 Datasheet HTML 3Page - ETAL Group 19BGT-2-1048-24R2 Datasheet HTML 4Page - ETAL Group 19BGT-2-1048-24R2 Datasheet HTML 5Page - ETAL Group 19BGT-2-1048-24R2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.e-t-a.de
Power-D-Box with sockets pre-wired
1
1 - 93
2013/14
Power-D-Box with sockets pre-wired
Blanking piece for
Power-D-Box
(types 3600/3900, 2210)
Y 308 563 01
12.5
67
with ESS20
.492
Blanking piece for
Power-D-Box
(types ESS20/ESX10)
Y 308 563 41
12.5
.492
Withdrawal tool for ESS20/ESX10
Y 308 602 01
2.64
with ESX10
Y 308 600 201
For removing the blanking piece:
push in the screwdriver as shown below
Accessories
15
14
busbar X1, X2
blade terminals 6.3 mm
cable cross section
10...25 mm2
.551
.591
Jumper
to bypass looped through unused auxiliary contacts
(series connection)
X 222 066 01
Line Terminal (max. 63 A)
X 221 503 01
max. tightening torque 3.0 Nm
50
1.97
blade terminals
DIN 46244-A6.3-0.8
(QC .250)
terminals 1+2
no internal connection
terminals 6+7
internally bridged
14
63
75
2
X22206601
Signalbrücke
Signal loop
Caution: cables must not be connected with terminal plugged in
pull-out
max. 10 Nm
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Similar Part No. - 19BGT-2-1048-24R2

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
19BG6-GA GEC-19BG6-GA Datasheet
383Kb / 4P
   BEAM PENTODE
More results

Similar Description - 19BGT-2-1048-24R2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-03219PC GLENAIR-240-03219PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
   Pre-wired Sensors (AWG28).
logo
Pepperl+Fuchs Inc.
V7-W PF-V7-W Datasheet
120Kb / 1P
   Non pre-wired cable socket
2009-06-08
V16-W PF-V16-W Datasheet
77Kb / 1P
   Non pre-wired cable socket
2008-11-06
V16S-G PF-V16S-G Datasheet
67Kb / 1P
   Non pre-wired cable connector
2007-06-14
V31S-GM PF-V31S-GM Datasheet
71Kb / 1P
   Non pre-wired cable connector
2009-07-02
logo
Glenair, Inc.
M83513-03-A01C GLENAIR-M83513-03-A01C Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
logo
Pepperl+Fuchs Inc.
V16-G PF-V16-G Datasheet
66Kb / 1P
   Non pre-wired cable socket
2007-06-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com