Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6074 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-6074
Description  Materials and specifications are subject to change without notice
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6074 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-6074 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6074 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6074 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6074 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 of 4
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 2.4mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
NOTE: Steel backing plate is required.
Status: Released
Drawing: Heidi Hansen
Scale: 2:1
Rev: A
Date: 11/27/02
File: SG-BGA-6074 Dwg.mcd
SG-BGA-6074 Drawing
© 2002 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Modified:
Mounting Hole
Alignment Hole
4mm±0.125mm(x4)
4mm±0.125mm(x4)
63.245mm±0.125mm(x4)
55.245mm
Ø 4mm(x4)
Ø 0.65mm PAD
9.84mm
Socket size
7.3mm
1.27mmTyp.
45.245mm
Ø 1.625mm
Ø 1.244mm
Alignment Hole
55.245mm
5mm


Similar Part No. - SG-BGA-6074

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6070 IRONWOOD-SG-BGA-6070 Datasheet
51Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6071 IRONWOOD-SG-BGA-6071 Datasheet
361Kb / 3P
   Directly mounts to target PCB (needs tooling holes) with included hardware
SG-BGA-6072 IRONWOOD-SG-BGA-6072 Datasheet
538Kb / 4P
   Materials and specifications are subject to change without notice
SG-BGA-6073 IRONWOOD-SG-BGA-6073 Datasheet
639Kb / 4P
   Materials and specifications are subject to change without notice
SG-BGA-6075 IRONWOOD-SG-BGA-6075 Datasheet
40Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6074

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com