Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19BGT-2-1048-30A2 Datasheet(PDF) 3 Page - ETAL Group

Part # 19BGT-2-1048-30A2
Description  Power-D-Box with sockets pre-wired
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

19BGT-2-1048-30A2 Datasheet(HTML) 3 Page - ETAL Group

  19BGT-2-1048-30A2 Datasheet HTML 1Page - ETAL Group 19BGT-2-1048-30A2 Datasheet HTML 2Page - ETAL Group 19BGT-2-1048-30A2 Datasheet HTML 3Page - ETAL Group 19BGT-2-1048-30A2 Datasheet HTML 4Page - ETAL Group 19BGT-2-1048-30A2 Datasheet HTML 5Page - ETAL Group 19BGT-2-1048-30A2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.e-t-a.de
Power-D-Box with sockets pre-wired
1
1 - 91
2013/14
Power-D-Box with sockets pre-wired
24
12
23
11
line 1
2(k)
I >
E-1048-600
2210
3600/3900
3 from I
N=8 A
7
6
line 1
3
2
5
4
I >
Control and
Protection
Electronic
F +
F -
control circuit
fault indication
circuit
red
green
Q
-US
+US
E-1048-600
IN+
IN-
7
3
2
5
4
6
1
Internal connection diagrams
ESS20-003- … (group signalisation with change over)
Rsense
SO SI SC
signal output
LOAD (+)
LINE (+)
DC 24 V
status indicatio
green / orange
rated current I
N
ON / OFF
load output
GND (-)
3 A
6 A
ESX10-124-…
LINE (+)
DC 24 V
LOAD (+)
load output
GND (-)
SF signal output
RE reset output
RE reset input
status indication
green / orange / red
S1
ON / OFF


Similar Part No. - 19BGT-2-1048-30A2

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
19BG6-GA GEC-19BG6-GA Datasheet
383Kb / 4P
   BEAM PENTODE
More results

Similar Description - 19BGT-2-1048-30A2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-03219PC GLENAIR-240-03219PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
   Pre-wired Sensors (AWG28).
logo
Pepperl+Fuchs Inc.
V7-W PF-V7-W Datasheet
120Kb / 1P
   Non pre-wired cable socket
2009-06-08
V16-W PF-V16-W Datasheet
77Kb / 1P
   Non pre-wired cable socket
2008-11-06
V16S-G PF-V16S-G Datasheet
67Kb / 1P
   Non pre-wired cable connector
2007-06-14
V31S-GM PF-V31S-GM Datasheet
71Kb / 1P
   Non pre-wired cable connector
2009-07-02
logo
Glenair, Inc.
M83513-03-A01C GLENAIR-M83513-03-A01C Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
logo
Pepperl+Fuchs Inc.
V16-G PF-V16-G Datasheet
66Kb / 1P
   Non pre-wired cable socket
2007-06-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com