Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT114024 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # RT114024
Description  Miniature Printed Circuit Board Relays, Sockets and Accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

RT114024 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  RT114024 Datasheet HTML 1Page - Siemens Semiconductor Group RT114024 Datasheet HTML 2Page - Siemens Semiconductor Group RT114024 Datasheet HTML 3Page - Siemens Semiconductor Group RT114024 Datasheet HTML 4Page - Siemens Semiconductor Group RT114024 Datasheet HTML 5Page - Siemens Semiconductor Group RT114024 Datasheet HTML 6Page - Siemens Semiconductor Group RT114024 Datasheet HTML 7Page - Siemens Semiconductor Group RT114024 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RT series
Sockets and Accessories
File E135149
File LR14385
NR 5318
RT78625 with RPMU0730
RP78601
RT16016
2.972
(75.5)
.610
(15.5)
.177
(4.5)
.874
(22.2)
1.693
(43)
A1
A2
21
11
14
2.972
(75.5)
.610
(15.5)
.177
(4.5)
.874
(22.2)
1.693
(43)
A1
12
A2
22
21
24
11
14
1.22
(31.0)
.5
(12.7)
.425
(10.8)
.354
(9.0)
.189
(4.8)
.189
(4.8)
RT78624
1
10A, 300VAC
5mm Pinning
RT78625
1,2
1 Pole 10A, 250VAC
2 Pole 2x 10A, 250VAC
5mm Pinning
RP78601
1
10A, 250VAC
3.5mm Pinning
Ø .06 DIA.
(1.52)
.60
(15.24)
.30
(7.62)
.80
(20.32)
.138
(3.51)
1.22
(31.0)
.5
(12.7)
.425
(10.8)
.354
(9.0)
.189
(4.8)
.189
(4.8)
RP78602
1
1 Pole 10A, 250VAC
2 Pole 2x 10A, 250VAC
5mm Pinning
Ø .06 DIA.
(1.52)
.60
(15.24)
.30
(7.62)
.20
(5.08)
.20
(5.08)
Hold-Down Spring RT16016
Hold-Down Spring RT16016
Hold-Down Spring RP16041
Hold-Down Spring RP16041
PC Board Layout
(Bottom View)
PC Board Layout
(Bottom View)
2.972
(75.5)
.610
(15.5)
.177
(4.5)
.874
(22.2)
2.283
(58)
A1
12
A2
22
21
24
11
14
Relay
Ejector
Module
RT78626
1,2
1 Pole 12A, 300VAC
2 Pole 2x 12A, 300VAC
5mm Pinning
Ejector/Hold-Down Spring RT16016
3
* Note
1. Not suitable for bistable relay with two coils.
2. For a 16A 1 pole relay the following jumpers have to be connected;
11 to 21, 12 to 22 and 14 to 24.
3. Insertion of the relay.
First the ejector (and eventually the module) has to be mounted onto the
socket. Then the relay has to be set in the correct position and pressed
into the socket until the ejector snaps over the top of the relay.
Sockets for RT Series Relays
Socket
Socket Termination
Hold-Down Spring
RT786241,2
DIN Screw Terminal
RT16016
RT786251,2
DIN Screw Terminal
RT16016
RT786261
DIN Screw Terminal
RT16016
RP786011
PCB
RP16041
RP786021
PCB
RP16041
RPMU0730
RC Network 110..230VAC
Socket and Accessory Selection Table
Stock items are boldfaced.
Siemens Electromechanical Components, Inc.
700 Westpark Drive
Peachtree City, GA 30269-1498
Specifications and availability subject to change without notice.
13C7800
Printed in U.S.A.
IH/2-99


Similar Part No. - RT114024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114024 MACOM-RT114024 Datasheet
261Kb / 3P
   Interface Power Relay
RT114024 MACOM-RT114024 Datasheet
286Kb / 4P
   Power PCB Relay
RT114024 MACOM-RT114024 Datasheet
243Kb / 4P
   Power PCB Relay RT1
RT114024 MACOM-RT114024 Datasheet
211Kb / 3P
   Interface Power Relay RT
RT114024 MACOM-RT114024 Datasheet
267Kb / 3P
   Interface Power Relay RT
More results

Similar Description - RT114024

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
27E043 TEC-27E043 Datasheet
695Kb / 3P
   Sockets & Accessories, KUP Relays
10-2012, Rev. 1012
logo
Visual Communications C...
CM21-16 VCC-CM21-16 Datasheet
76Kb / 1P
   Lamp Sockets and Accessories
logo
Relpol S.A.
GZT80 RELPOL-GZT80 Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
logo
List of Unclassifed Man...
276XAXH-5D ETC2-276XAXH-5D Datasheet
799Kb / 25P
   PRINTED CIRCUIT BOARD RELAYS 1 TO 30 AMPERES
PCH330 ETC2-PCH330 Datasheet
220Kb / 1P
   SOCKETS FOR CIRCUIT BOARD MOUNTING
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
List of Unclassifed Man...
50871-8 ETC2-50871-8 Datasheet
30Kb / 1P
   Miniature Spring Sockets
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com