Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM733C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM733C
Description  LM733/LM733C Differential Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM733C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM733C Datasheet HTML 1Page - National Semiconductor (TI) LM733C Datasheet HTML 2Page - National Semiconductor (TI) LM733C Datasheet HTML 3Page - National Semiconductor (TI) LM733C Datasheet HTML 4Page - National Semiconductor (TI) LM733C Datasheet HTML 5Page - National Semiconductor (TI) LM733C Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH7866
August 1989
LM733LM733C Differential Amplifier
General Description
The LM733LM733C is a two-stage differential input differ-
ential output wide-band video amplifier The use of internal
series-shunt feedback gives wide bandwidth with low phase
distortion and high gain stability Emitter-follower outputs
provide a high current drive low impedance capability Its
120 MHz bandwidth and selectable gains of 10 100 and
400 without need for frequency compensation make it a
very useful circuit for memory element drivers pulse amplifi-
ers and wide band linear gain stages
The LM733 is specified for operation over the b55 Cto
a
125 C military temperature range The LM733C is speci-
fied for operation over the 0 Cto a70 C temperature range
Features
Y
120 MHz bandwidth
Y
250 kX input resistance
Y
Selectable gains of 10 100 400
Y
No frequency compensation
Y
High common mode rejection ratio at high frequencies
Applications
Y
Magnetic tape systems
Y
Disk file memories
Y
Thin and thick film memories
Y
Woven and plated wire memories
Y
Wide band video amplifiers
Connection Diagrams
Dual-In-Line Package
TLH7866 – 1
Top View
Order Number LM733CN
See NS Package Number N14A
Metal Can Package
TLH7866 – 2
Note
Pin 5 connected to case
Top View
Order Number LM733H or LM733CH
See NS Package Number H10D
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM733C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
logo
National Semiconductor ...
LM7332MA NSC-LM7332MA Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
LM7332MA TI1-LM7332MA Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
LM7332MA/NOPB TI1-LM7332MA/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - LM733C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Toshiba Semiconductor
3SK28 TOSHIBA-3SK28 Datasheet
133Kb / 1P
   DIFFERENTIAL AMPLIFIER APPLICATIONS
logo
Tiger Electronic Co.,Lt...
KTA2400 TGS-KTA2400 Datasheet
399Kb / 1P
   Differential Amplifier Application
KTC3400 TGS-KTC3400 Datasheet
461Kb / 1P
   Differential Amplifier Application
logo
Texas Instruments
TL592B TI-TL592B Datasheet
339Kb / 11P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com