Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16PCBZ
Description  Here is a picture of the contents that come with
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16PCBZ Datasheet HTML 1Page - Analog Devices ADIS16PCBZ Datasheet HTML 2Page - Analog Devices ADIS16PCBZ Datasheet HTML 3Page - Analog Devices ADIS16PCBZ Datasheet HTML 4Page - Analog Devices ADIS16PCBZ Datasheet HTML 5Page - Analog Devices ADIS16PCBZ Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev 25 Jun 2013 19:50 | Page 3
ADIS16360, ADIS16362, ADIS16364, ADIS16365, ADIS16367,
ADIS16400, ADIS16405, ADIS16407 Mounting
Use the M2x0.4x4mm machine screws (provided in pink bag) for mounting these products to the
ADIS16IMU1/PCBZ and set their torque for 20 inch-ounces. The pink-highlights in the top-view picture
illustrate the location of the mounting holes for these products. For high-vibration environments,
consider using more than 2 screws, per AN-1045
ADIS16375, ADIS16480, ADIS16485, ADIS16488 Mounting
Use the M2x0.4x16mm machine screws (provided in pink bag) for mounting these products to the
ADIS16IMU1/PCBZ and set their torque for 20 inch-ounces. The blue-highlights in the top-view picture
illustrate the location of the mounting holes for these products. Here is an example of the
ADIS16IMU1/PCBZ, with an ADIS16485AMLZ mounted to it.
Make sure that the connector pins are in alignment with J2 on the ADIS16IMU1/PCBZ, before pressing
it into place.
Here is a close-up view, which shows the correct connector alignment.


Similar Part No. - ADIS16PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16000 AD-ADIS16000 Datasheet
567Kb / 37P
   Digital MEMS Vibration Sensor w/ Embedded RF Transceiver
Rev. PrA
ADIS16000AMLZ AD-ADIS16000AMLZ Datasheet
567Kb / 37P
   Digital MEMS Vibration Sensor w/ Embedded RF Transceiver
Rev. PrA
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
ADIS16003 AD-ADIS16003 Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16003 AD-ADIS16003 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16PCBZ

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP067-R1A WPI-WPANTDP067-R1A Datasheet
188Kb / 2P
   Picture of the Antenna
WPANTDP066-R1A WPI-WPANTDP066-R1A Datasheet
192Kb / 2P
   Picture of the Antenna
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
   Picture of the Part
logo
PANDUIT CORP.
TDP43ME PANDUIT-TDP43ME Datasheet
5Mb / 63P
   After unpacking, please check the accessories that come with the package, and store appropriately.
logo
PHOENIX CONTACT
SF-TXH-SET PHOENIX-SF-TXH-SET Datasheet
47Kb / 2P
   The SF-SL screwdriver sets are available with a variety of contents
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
National Semiconductor ...
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
   The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
logo
STMicroelectronics
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
   A real-time clock is a computer clock that keeps track of the current time
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com