Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4806-1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4806-1
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4806-1_16 Datasheet HTML 7Page - Analog Devices ADA4806-1_16 Datasheet HTML 8Page - Analog Devices ADA4806-1_16 Datasheet HTML 9Page - Analog Devices ADA4806-1_16 Datasheet HTML 10Page - Analog Devices ADA4806-1_16 Datasheet HTML 11Page - Analog Devices ADA4806-1_16 Datasheet HTML 12Page - Analog Devices ADA4806-1_16 Datasheet HTML 13Page - Analog Devices ADA4806-1_16 Datasheet HTML 14Page - Analog Devices ADA4806-1_16 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADA4806-1
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 2 kΩ, unless otherwise noted. When G = +1, RF = 0 Ω.
–12
–9
–6
–3
0
3
0.1
1
10
100
1000
FREQUENCY (MHz)
G = +1
G = +10
VS = ±2.5V
VOUT = 20mV p-p
RL = 2kΩ
RF = 1kΩ
G = +5
G = +2
Figure 5. Small Signal Frequency Response for Various Gains
–12
–9
–6
–3
0
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±2.5V
G = +1
VOUT = 20mV p-p
RL = 2kΩ
–40°C
+25°C
+125°C
Figure 6. Small Signal Frequency Response for Various Temperatures
–12
–9
–6
–3
0
3
0.1
1
10
100
1000
FREQUENCY (MHz)
G = +1
VOUT = 20mV p-p
RL = 2kΩ
VS = ±1.5V
VS = ±2.5V
VS = ±5V
Figure 7. Small Signal Frequency Response for Various Supply Voltages
–12
–9
–6
–3
0
3
0.1
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
VOUT = 2V p-p
RF = 1kΩ
RL = 2kΩ
G = +2
G = +5
G = +10
G = +1
Figure 8. Large Signal Frequency Response for Various Gains
–9
–6
–3
0
3
0.1
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
G = +1
VOUT = 2V p-p
RL = 2kΩ
+25°C
+125°C
–40°C
Figure 9. Large Signal Frequency Response for Various Temperatures
FREQUENCY (MHz)
–6
–3
0
3
0.1
1
10
100
1000
VS = ±2.5V
G = +1
RL = 2kΩ
VOUT = 20mV p-p
VOUT = 0.5V p-p
VOUT = 2V p-p
VOUT = 100mV p-p
Figure 10. Frequency Response for Various Output Voltages
Rev. 0 | Page 10 of 24


Similar Part No. - ADA4806-1_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4806-1ARJZ-R2 AD-ADA4806-1ARJZ-R2 Datasheet
661Kb / 24P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
ADA4806-1ARJZ-R7 AD-ADA4806-1ARJZ-R7 Datasheet
661Kb / 24P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
ADA4806-1RJ-EBZ AD-ADA4806-1RJ-EBZ Datasheet
661Kb / 24P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
More results

Similar Description - ADA4806-1_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4806-1 AD-ADA4806-1 Datasheet
661Kb / 24P
   0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
ADA4805-2-EP AD-ADA4805-2-EP Datasheet
233Kb / 9P
   0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
Rev. 0
logo
Texas Instruments
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com