Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBU-TA2-003-AC230V-C-6A Datasheet(PDF) 5 Page - ETAL Group

Part # EBU-TA2-003-AC230V-C-6A
Description  Electronic circuit breaker EBU
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

EBU-TA2-003-AC230V-C-6A Datasheet(HTML) 5 Page - ETAL Group

  EBU-TA2-003-AC230V-C-6A Datasheet HTML 1Page - ETAL Group EBU-TA2-003-AC230V-C-6A Datasheet HTML 2Page - ETAL Group EBU-TA2-003-AC230V-C-6A Datasheet HTML 3Page - ETAL Group EBU-TA2-003-AC230V-C-6A Datasheet HTML 4Page - ETAL Group EBU-TA2-003-AC230V-C-6A Datasheet HTML 5Page - ETAL Group EBU-TA2-003-AC230V-C-6A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.e-t-a.de
5
Electronic circuit breaker EBU
1638
4
Electronic circuit breaker EBU
Adjustment of electronic time-current characteristics (example)
uninterruptible
power supply / UPS
current rating = 12 A
Load SMPS DC 24 V: IN = 3 A
Selection of trip characteristic and current rating:
Characteristic curve C ⇒ inrush current SMPS
Current rating:
⇒ 10 A cable protection
for cable cross
section 1.5mm²
EBU10-TA1-003-AC230V-C-10A
EBU ⇒IN UPS:
adjustment to 12 A
⇒rated current UPS = 12 A
EBU ⇒IN UPS:
adjustment to 3 A
⇒rated current load = 3 A
Step 3:
adjustment of EBU
to load
Step 2:
adjustment of EBU to
UPS rating
UPS
current rating =12 A
Step 1:
selection of EBU
Setting options:
IN, UPS:
single phase rated current of the UPS unit at cont. load
IN, load:
rated current of the connected load
Recommendation:
IN, UPS:
smaller or equal to the determined value
IN, load:
higher or equal to the determined value
Setting parameters:
B6
B10
B16
C4
C6
C10
C16
IN, UPS IN, load IN, UPS IN, load IN, UPS IN, load IN, UPS IN, load IN, UPS IN, load IN, UPS IN, load IN, UPS IN, load
7
OFF
11
OFF
17
OFF
4.3
OFF
7
OFF
11
OFF
17
OFF
7.5
2
12
3
19
4
5.5
1.3
8
2
12
3
21
4
8
2.5
13
3.5
21
5
6.5
1.6
9
2.5
14
3.5
25
5
8.5
3
14
4
23
6
7
2.0
11
3
16
4
28
6
9
3.5
15
5
25
7
8.5
2.3
12
3.5
21
5
34
7
9.5
4
16
6
28
8
10
2.6
14
4
25
6
38
8
10
4.5
17
7
29
10
11
3.0
16
4.5
28
7
43
10
11
5
19
8
31
12
13
3.3
18
5
34
8
57
12
12
5.5
21
9
34
14
14.5
3.6
21
5.5
38
9
64
14
13
6
22
10
35
16
17
4.0
25
6
43
10
68
16
In the OFF condition the electronic trip curve only takes effect in the short circuit range


Similar Part No. - EBU-TA2-003-AC230V-C-6A

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EBU-101G-LF BOTHHAND-EBU-101G-LF Datasheet
215Kb / 2P
   Ethernet Switches expand to Wireless Access Point
EBU-101GLF BOTHHAND-EBU-101GLF Datasheet
215Kb / 2P
   Gigabit & High Power Base Unit for PoE
More results

Similar Description - EBU-TA2-003-AC230V-C-6A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
   Electronic miniature circuit-breaker
09/2009
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com