Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61528FP Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # M61528FP
Description  SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61528FP Datasheet(HTML) 1 Page - Hitachi Semiconductor

  M61528FP Datasheet HTML 1Page - Hitachi Semiconductor M61528FP Datasheet HTML 2Page - Hitachi Semiconductor M61528FP Datasheet HTML 3Page - Hitachi Semiconductor M61528FP Datasheet HTML 4Page - Hitachi Semiconductor M61528FP Datasheet HTML 5Page - Hitachi Semiconductor M61528FP Datasheet HTML 6Page - Hitachi Semiconductor M61528FP Datasheet HTML 7Page - Hitachi Semiconductor M61528FP Datasheet HTML 8Page - Hitachi Semiconductor M61528FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Rev.1.1, Dec.17.2003, page 1 of 30
M61528FP
SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
REJ03F0040-0101Z
Rev.1.1
Dec.17.2003
Features
• Fixed equalizer(3 bands equalizer with SCF)
 4 independent fixed equalizer controls.
 Reduce the external C,R parts by using SCF (Switched Capacitor Filter) technology.
• FADER
 4 independent fader controls.
 0dB to –50dB/2dBstep, -∞dB
 Built-in Soft-changing circuit for switching-noise.
Application
• Car Audio
Recommended Operating Condition
• Supply voltage range 7.0V to 9.0V
• Rated supply voltage 8.0V
System Configurations
Power supply
Microcomputer interface
FADER
FADER
FADER
FADER
OSC
FL IN
FRIN
RLIN
RRIN
FL-ch
FR-ch
RL-ch
RR-ch
Fixed Equalizer


Similar Part No. - M61528FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61528FP RENESAS-M61528FP Datasheet
304Kb / 31P
   SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
More results

Similar Description - M61528FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61528FP RENESAS-M61528FP Datasheet
304Kb / 31P
   SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
logo
Rohm
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com