Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6BP501A00SN2B000 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S6BP501A00SN2B000
Description  Wide input voltage range : 2.5V to 42V (DD3V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP501A00SN2B000 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S6BP501A00SN2B000 Datasheet HTML 2Page - Cypress Semiconductor S6BP501A00SN2B000 Datasheet HTML 3Page - Cypress Semiconductor S6BP501A00SN2B000 Datasheet HTML 4Page - Cypress Semiconductor S6BP501A00SN2B000 Datasheet HTML 5Page - Cypress Semiconductor S6BP501A00SN2B000 Datasheet HTML 6Page - Cypress Semiconductor S6BP501A00SN2B000 Datasheet HTML 7Page - Cypress Semiconductor S6BP501A00SN2B000 Datasheet HTML 8Page - Cypress Semiconductor S6BP501A00SN2B000 Datasheet HTML 9Page - Cypress Semiconductor S6BP501A00SN2B000 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Document Number: 002-03396 Rev. *D
Page 6 of 23
S6BP501A, S6BP502A
PRELIMINARY
5. Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Min
Max
Power supply voltage (*1)
VVIN
VIN pin
−0.3
+48
V
VVB
VB pin
−0.3
+6.9
V
VVDD
VDD pin
−0.3
+6.9
V
VPVCC1V
PVCC1V pin
−0.3
+6.9
V
VIN3V
IN3V pin
−0.3
+6.9
V
Pin voltage (*1)
VBST3V
BST3V pin
−0.3
+48
V
VCSN
CSN pin
−0.3
VVB
V
VCSP
CSP pin
−0.3
VVB
V
VFB1V
FB1V pin
−0.3
VVB
V
VFB3V
FB3V pin
−0.3
VVB
V
VFB5V
FB5V pin
−0.3
+6.9
V
VEN1V
EN1V pin
−0.3
+6.9
V
VEN3V
EN3V pin
−0.3
+6.9
V
VEN5V
EN5V pin
−0.3
+48
V
VPG1V
PG1V pin
−0.3
+6.9
V
VPG3V
PG3V pin
−0.3
+6.9
V
VPG5V
PG5V pin
−0.3
+6.9
V
VHOT
HOT pin
−0.3
+6.9
V
VENSS
ENSS pin
−0.3
VVB
V
VSYNC
SYNC pin
−0.3
+6.9
V
LX voltage (*1)
VLX1V
LX1V pin
−0.3
+6.9
V
VLX3V
LX3V pin
−0.3
+48
V
VLX5V
LX5V pin
−0.3
+6.9
V
Difference voltage
VBST3V_LX3V
BST3V to LX3V
−0.3
+6.9
V
VDRVH3V_LX3V
DRVH3V to LX3V
−0.3
+6.9
V
VDRVH3V_LX3V
DRVL3V to PGND3V
−0.3
+6.9
V
VLX5V_VOUT5V
LX5V to VOUT5V
−0.3
+6.9
V
VLX1_PVCC1V
LX1 to PVCC1V
−0.3
+6.9
V
VPGND1_GND
PGND1V to GND1, PGND1V to GND2
−0.3
+0.3
V
VPGND3_GND
PGND3V to GND1, PGND3V to GND2
−0.3
+0.3
V
VPGND5_GND
PGND5V to GND1, PGND5V to GND2
−0.3
+0.3
V
VVIN_EN5V
VIN to EN5V
−0.3
+48
V
VVB_INPUT
VB to EN1V, VB to EN3V,
VB to FB1V, VB to FB3V, VB to FB5V
−0.3
+6.9
V
Output current
IPG
PG1V, PG3V, PG5V sink current
−3
0
mA
IHOT
HOT sink current
−3
0
mA
Power dissipation (*1)
PD
Ta ≤ ±25°C
0
4280 (*2)
mW
Storage temperature
TSTG
−55
+150
°C
*1: PGND1V = PGND3V = PGND5V = GND1 = GND2 = 0V
*2: When the product is mounted on 76.2 mm × 114.3 mm, four-
layer FR−4 board
Warning:
1.
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage, current or
temperature) in excess of absolute maximum ratings. Do not exceed any of these ratings.


Similar Part No. - S6BP501A00SN2B000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP501A00SN2B000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22675 TI-LM22675 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Input Voltage Range: 4.5V to 42V, Internally Compensated Voltage Mode Control
logo
Maxim Integrated Produc...
MAX17532 MAXIM-MAX17532 Datasheet
1Mb / 21P
   Wide 4V to 42V Input
Rev 1; 3/15
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
LP25P21T5 LEIDITECH-LP25P21T5 Datasheet
924Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
LP25051T5 LEIDITECH-LP25051T5 Datasheet
903Kb / 6P
   Input Voltage Range: 2.5V to 5.5V
logo
Advanced Monolithic Sys...
AMS1072 AMS-AMS1072 Datasheet
469Kb / 6P
   2.5V to 8V Input Voltage Range
logo
Maxim Integrated Produc...
MAX25201EVKIT MAXIM-MAX25201EVKIT Datasheet
881Kb / 7P
   4.5V to 42V Input Supply Range
Rev 0; 8/19
logo
Texas Instruments
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
[Old version datasheet]   Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com