Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F685RBPMC-GSE2 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB96F685RBPMC-GSE2
Description  F2MC-16FX CPU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F685RBPMC-GSE2 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB96F685RBPMC-GSE2 Datasheet HTML 6Page - Cypress Semiconductor MB96F685RBPMC-GSE2 Datasheet HTML 7Page - Cypress Semiconductor MB96F685RBPMC-GSE2 Datasheet HTML 8Page - Cypress Semiconductor MB96F685RBPMC-GSE2 Datasheet HTML 9Page - Cypress Semiconductor MB96F685RBPMC-GSE2 Datasheet HTML 10Page - Cypress Semiconductor MB96F685RBPMC-GSE2 Datasheet HTML 11Page - Cypress Semiconductor MB96F685RBPMC-GSE2 Datasheet HTML 12Page - Cypress Semiconductor MB96F685RBPMC-GSE2 Datasheet HTML 13Page - Cypress Semiconductor MB96F685RBPMC-GSE2 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
Document Number: 002-04705 Rev.*A
Page 10 of 68
MB96680 Series
Pin name
Feature
Description
TTGn
PPG
Programmable Pulse Generator n trigger input pin
TXn
CAN
CAN interface n TX output pin
Vn
LCD
LCD voltage reference pin
Vcc
Supply
Power supply pin
Vss
Supply
Power supply pin
WOT
RTC
Real Time clock output pin
WOT_R
RTC
Relocated Real Time clock output pin
X0
Clock
Oscillator input pin
X0A
Clock
Subclock Oscillator input pin
X1
Clock
Oscillator output pin
X1A
Clock
Subclock Oscillator output pin


Similar Part No. - MB96F685RBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96F612ABPMC-GS-UJE1 CYPRESS-MB96F612ABPMC-GS-UJE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GS-UJE2 CYPRESS-MB96F612ABPMC-GS-UJE2 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GSE1 CYPRESS-MB96F612ABPMC-GSE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GSE2 CYPRESS-MB96F612ABPMC-GSE2 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GTE1 CYPRESS-MB96F612ABPMC-GTE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
More results

Similar Description - MB96F685RBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
   F2MC-16FX 16-bit Microcontroller
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
   F2MC-16FX, 16-bit Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
   F2MC-16FX 16-Bit Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
   F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
   F2MC-16FX 16-Bit Microcontroller
MB96610 CYPRESS-MB96610 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96380 CYPRESS-MB96380 Datasheet
9Mb / 117P
   F2MC-16FX 16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com