Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F635ABPMC-GSE1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB96F635ABPMC-GSE1
Description  F2MC-16FX CPU
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F635ABPMC-GSE1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB96F635ABPMC-GSE1 Datasheet HTML 1Page - Cypress Semiconductor MB96F635ABPMC-GSE1 Datasheet HTML 2Page - Cypress Semiconductor MB96F635ABPMC-GSE1 Datasheet HTML 3Page - Cypress Semiconductor MB96F635ABPMC-GSE1 Datasheet HTML 4Page - Cypress Semiconductor MB96F635ABPMC-GSE1 Datasheet HTML 5Page - Cypress Semiconductor MB96F635ABPMC-GSE1 Datasheet HTML 6Page - Cypress Semiconductor MB96F635ABPMC-GSE1 Datasheet HTML 7Page - Cypress Semiconductor MB96F635ABPMC-GSE1 Datasheet HTML 8Page - Cypress Semiconductor MB96F635ABPMC-GSE1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
MB96630 Series
F
2MC-16FX 16-Bit Microcontroller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-04719 Rev.*A
Revised February 19, 2016
MB96630 series is based on Cypress
’s advanced F
2MC-16FX architecture (16-bit with instruction pipeline for RISC-like
performance). The CPU uses the same instruction set as the established F
2MC-16LX family thus allowing for easy migration of
F
2MC-16LX Software to the new F2MC-16FX products.
F
2MC-16FX product improvements compared to the previous generation include significantly improved performance - even at the
same operation frequency, reduced power consumption and faster start-up time.
For high processing speed at optimized power consumption an internal PLL can be selected to supply the CPU with up to 32MHz
operation frequency from an external 4MHz to 8MHz resonator. The result is a minimum instruction cycle time of 31.2ns going
together with excellent EMI behavior. The emitted power is minimized by the on-chip voltage regulator that reduces the internal CPU
voltage. A flexible clock tree allows selecting suitable operation frequencies for peripheral resources independent of the CPU speed.
Features
Technology
0.18
m CMOS
CPU
F
2MC-16FX CPU
Optimized instruction set for controller applications
(bit, byte, word and long-word data types, 23 different
addressing modes, barrel shift, variety of pointers)
8-byte instruction queue
Signed multiply (16-bit × 16-bit) and divide (32-bit/16-bit)
instructions available
System clock
On-chip PLL clock multiplier (
1 to 8, 1 when PLL stop)
4MHz to 8MHz crystal oscillator
(maximum frequency when using ceramic resonator
depends on Q-factor)
Up to 8MHz external clock for devices with fast clock input
feature
32.768kHz subsystem quartz clock
100kHz/2MHz internal RC clock for quick and safe startup,
clock stop detection function, watchdog
Clock source selectable from mainclock oscillator, subclock
oscillator and on-chip RC oscillator, independently for CPU
and 2 clock domains of peripherals
The subclock oscillator is enabled by the Boot ROM
program controlled by a configuration marker after a Power
or External reset
Low Power Consumption - 13 operating modes (different
Run, Sleep, Timer, Stop modes)
On-chip voltage regulator
Internal voltage regulator supports a wide MCU supply
voltage range (Min=2.7V), offering low power consumption
Low voltage detection function
Reset is generated when supply voltage falls below
programmable reference voltage
Code Security
Protects Flash Memory content from unintended read-out
DMA
Automatic transfer function independent of CPU, can be
assigned freely to resources
Interrupts
Fast Interrupt processing
8 programmable priority levels
Non-Maskable Interrupt (NMI)
CAN
Supports CAN protocol version 2.0 part A and B
ISO16845 certified
Bit rates up to 1Mbps
32 message objects
Each message object has its own identifier mask
Programmable FIFO mode (concatenation of message
objects)
Maskable interrupt
Disabled Automatic Retransmission mode for Time
Triggered CAN applications
Programmable loop-back mode for self-test operation
USART
Full duplex USARTs (SCI/LIN)
Wide range of baud rate settings using a dedicated reload
timer
Special synchronous options for adapting to different
synchronous serial protocols
LIN functionality working either as master or slave LIN
device
Extended support for LIN-Protocol to reduce interrupt load
I2C
Up to 400kbps
Master and Slave functionality, 7-bit and 10-bit addressing


Similar Part No. - MB96F635ABPMC-GSE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96F612ABPMC-GS-UJE1 CYPRESS-MB96F612ABPMC-GS-UJE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GS-UJE2 CYPRESS-MB96F612ABPMC-GS-UJE2 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GSE1 CYPRESS-MB96F612ABPMC-GSE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GSE2 CYPRESS-MB96F612ABPMC-GSE2 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GTE1 CYPRESS-MB96F612ABPMC-GTE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
More results

Similar Description - MB96F635ABPMC-GSE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
   F2MC-16FX 16-bit Microcontroller
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
   F2MC-16FX, 16-bit Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
   F2MC-16FX 16-Bit Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
   F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
   F2MC-16FX 16-Bit Microcontroller
MB96610 CYPRESS-MB96610 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96380 CYPRESS-MB96380 Datasheet
9Mb / 117P
   F2MC-16FX 16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com