Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4011BA1W33 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZSPM4011BA1W33
Description  High Efficiency 1A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4011BA1W33 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZSPM4011BA1W33 Datasheet HTML 1Page - Integrated Device Technology ZSPM4011BA1W33 Datasheet HTML 2Page - Integrated Device Technology ZSPM4011BA1W33 Datasheet HTML 3Page - Integrated Device Technology ZSPM4011BA1W33 Datasheet HTML 4Page - Integrated Device Technology ZSPM4011BA1W33 Datasheet HTML 5Page - Integrated Device Technology ZSPM4011BA1W33 Datasheet HTML 6Page - Integrated Device Technology ZSPM4011BA1W33 Datasheet HTML 7Page - Integrated Device Technology ZSPM4011BA1W33 Datasheet HTML 8Page - Integrated Device Technology ZSPM4011BA1W33 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
High Efficiency 1A Synchronous
Buck Converter
ZSPM4011B
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 27, 2016
Brief Description
The
ZSPM4011B
is
a
DC/DC
synchronous
switching regulator with fully integrated power
switches, internal compensation, and full fault
protection. The 1MHz switching frequency enables
using small filter components, resulting in reduced
board space and reduced bill-of-materials costs.
The ZSPM4011B utilizes current mode feedback in
normal regulation pulse-width modulation (PWM)
mode. When the regulator is disabled (EN pin is
low), the ZSPM4011B draws less than 10µA quies-
cent current.
The ZSPM4011B integrates a wide range of
protection circuitry, including input supply under-
voltage lockout, output voltage soft start, current
limit, VOUT over-voltage, and thermal shutdown.
The ZSPM4011B includes supervisory reporting
through the PG (Power Good) open drain output to
interface other components in the system.
Features
Output voltage options (depends on order code):
Fixed output voltages: 1.5V, 1.8V, 2.5V,
3.3V, or 5V with +/- 2% output tolerance
Adjustable output voltage range: 0.9V to
5.5V with +/- 1.5% reference
Wide input voltage range: 4.5V to 24V
1MHz +/- 10% fixed switching frequency
1A continuous output current
High efficiency – up to 95%
Current mode PWM control with pulse-
frequency modulation (PFM) mode for
improved light load efficiency
Voltage supervisor for V
OUT reported at the PG
pin
Input supply under voltage lockout
Soft start for controlled startup with no
overshoot
Full protection for over-current, over-
temperature, and VOUT over-voltage
Less than 10µA in Disabled Mode
Low external component count
Benefits
Increased battery life
Minimal external component count
(3 capacitors, 1 inductor)
Inherent fault protection and reporting
Available Support
Evaluation Kit
Documentation
Physical Characteristics
Junction operating temperature -40°C to 125°C
Packaged in a 16pin QFN (3x3mm)
Related IDT Products
ZSPM4012B/ZSPM4013B: 2A/3A synchronous
buck converters, available with adjustable out-
put from 0.9 to 5.5V or fixed output voltages at
1.5V, 1.8V, 2.5V, 3.3V, 5.0V
(16-pin 3x3 QFN)
ZSPM1000: >5A single-phase, single-rail, true
digital PWM controller (24-lead 4x4mm QFN)
ZSPM4011B Application Circuits
VOUT
Adjustable Output
VSW
VCC
FB
BST
VCC
PG
PG
RTOP
RBOT
10 k
Ω
(optional)
VOUT
EN
EN
CBYPASS
LOUT
COUT
CBST
VOUT
Fixed Output
EN
VSW
VCC
FB
VCC
EN
PG
PG
10k
Ω
(optional)
VOUT
BST
CBYPASS
CBST
COUT
LOUT


Similar Part No. - ZSPM4011BA1W33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011BA1W33 ETC2-ZSPM4011BA1W33 Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011BA1W33 RENESAS-ZSPM4011BA1W33 Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4011BA1W33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
ZSPM4011 RENESAS-ZSPM4011 Datasheet
682Kb / 21P
   ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
   High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
   1.5MHz, 1A High Efficiency Buck Converter
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com