Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4013B Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSPM4013B
Description  High Efficiency 3A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4013B Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSPM4013B Datasheet HTML 7Page - Integrated Device Technology ZSPM4013B Datasheet HTML 8Page - Integrated Device Technology ZSPM4013B Datasheet HTML 9Page - Integrated Device Technology ZSPM4013B Datasheet HTML 10Page - Integrated Device Technology ZSPM4013B Datasheet HTML 11Page - Integrated Device Technology ZSPM4013B Datasheet HTML 12Page - Integrated Device Technology ZSPM4013B Datasheet HTML 13Page - Integrated Device Technology ZSPM4013B Datasheet HTML 14Page - Integrated Device Technology ZSPM4013B Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ZSPM4013B Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 25, 2016
Figure 2.13 Standby Current vs. Input Voltage
Figure 2.14 Standby Current vs. Temperature
Figure 2.15 Output Voltage vs. Temperature
Figure 2.16 Oscillator Frequency vs. Temperature
(Iout=300mA)
Figure 2.17 Quiescent Current vs. Temperature
(No load)
Figure 2.18 Input Current vs. Temperature
(No load, No switching)


Similar Part No. - ZSPM4013B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
logo
List of Unclassifed Man...
ZSPM4013BA1W00 ETC2-ZSPM4013BA1W00 Datasheet
1Mb / 23P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013BA1W00 RENESAS-ZSPM4013BA1W00 Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
logo
List of Unclassifed Man...
ZSPM4013BA1W15 ETC2-ZSPM4013BA1W15 Datasheet
1Mb / 23P
   High Efficiency 3A Synchronous Buck Converter
More results

Similar Description - ZSPM4013B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
ZSPM4013 RENESAS-ZSPM4013 Datasheet
796Kb / 21P
   ZSPM4013 High Efficiency 3A Synchronous Buck Converter
April 15, 2016
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707P UPI-UP1707P Datasheet
224Kb / 11P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com