Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4012BA1W00 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSPM4012BA1W00
Description  High Efficiency 2A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4012BA1W00 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSPM4012BA1W00 Datasheet HTML 3Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 4Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 5Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 6Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 7Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 8Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 9Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 10Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ZSPM4012B Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 27, 2016
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PG Open Drain Output
PG Release Timer
TPG
10
ms
High-Level Output Leakage
IOH-PG
VPG = 5V
0.5
µA
Low-Level Output Voltage
VOL-PG
IPG = -0.3mA
0.01
V
EN Input Voltage Thresholds
High Level Input Voltage
VIH-EN
2.2
V
Low Level Input Voltage
VIL-EN
0.8
V
Input Hysteresis
VHYST-EN
480
mV
Input Leakage
IIN-EN
VEN=5V
3.5
µA
VEN=0V
-1.5
µA
Thermal Shutdown
Thermal Shutdown Junction
Temperature
TSD
Note: Guaranteed by design
150
170
°C
TSD Hysteresis
TSDHYST
10
°C
1.5.
Regulator Characteristics
Electrical Characteristics, TJ = -40°C to 125°C, VCC = 12V (unless otherwise noted)
Table 1.5
Regulator Characteristics
See important table notes at the end of the table.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Switch Mode Regulator: LOUT=4.7µH and COUT=2 x 22µF
Output Voltage Tolerance in
Pulse-Width Modulation
(PWM) Mode
VOUT-PWM
ILOAD =1A
VOUT
2%
VOUT
VOUT +
2%
V
Output Voltage Tolerance in
Pulse-Frequency Modulation
(PFM) Mode
VOUT-PFM
ILOAD = 0A
VOUT
1%
VOUT +
1%
VOUT +
3.5%
V
Differential Voltage Between
VOUT and VCC
VIN-OUT
Steady State.
(Example, VOUT maximum is
3.3V with VCC min of 4.5V)
1.2
V
High Side Switch On
Resistance
1)
RDSON
IVSW = -1A
180
mΩ
Low Side Switch On
Resistance
1)
IVSW = 1A
120
mΩ
Output Current
IOUT
2
A
Over Current Detect
IOCD
HS switch current
2.4
2.8
3.4
A


Similar Part No. - ZSPM4012BA1W00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012BA1W00 ETC2-ZSPM4012BA1W00 Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W00 RENESAS-ZSPM4012BA1W00 Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4012BA1W00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
   2A, 4MHz High Efficiency Synchronous Buck Converter
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com