Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4012B Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSPM4012B
Description  High Efficiency 2A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4012B Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSPM4012B Datasheet HTML 2Page - Integrated Device Technology ZSPM4012B Datasheet HTML 3Page - Integrated Device Technology ZSPM4012B Datasheet HTML 4Page - Integrated Device Technology ZSPM4012B Datasheet HTML 5Page - Integrated Device Technology ZSPM4012B Datasheet HTML 6Page - Integrated Device Technology ZSPM4012B Datasheet HTML 7Page - Integrated Device Technology ZSPM4012B Datasheet HTML 8Page - Integrated Device Technology ZSPM4012B Datasheet HTML 9Page - Integrated Device Technology ZSPM4012B Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ZSPM4012B Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 27, 2016
1.3.
Recommended Operating Conditions
Table 1.3
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Input Operating Voltage
VCC
4.5
12
24
V
Bootstrap Capacitor
CBST
17.6
22
26.4
nF
Output Filter Inductor Typical Value
1)
LOUT
3.76
4.7
5.64
µH
Output Filter Capacitor Typical Value
2)
COUT
33
44 (2 x 22)
µF
Output Filter Capacitor ESR
COUT-ESR
2
35
100
m
Input Supply Bypass Capacitor Typical Value
3)
CBYPASS
8
10
µF
1)
For best performance, an inductor with a saturation current rating higher than the maximum VOUT load requirement plus the inductor
current ripple.
2)
For best performance, a low ESR ceramic capacitor should be used.
3)
For best performance, a low ESR ceramic capacitor should be used. If CBYPASS is not a low ESR ceramic capacitor, a 0.1µF ceramic
capacitor should be added in parallel to CBYPASS.
1.4.
Electrical Characteristics
Electrical Characteristics, TJ = -40°C to 125°C, VCC = 12V (unless otherwise noted)
Table 1.4
Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VCC Supply Voltage
Input Supply Voltage
VCC
4.5
24
V
Quiescent Current:
Normal Mode
ICC-NORM
VCC = 12V, ILOAD = 0A, EN ≥ 2.2
5.2
mA
Quiescent Current:
Normal Mode, Non-switching
ICC-
NOSWITCH
VCC=12V, ILOAD=0A, EN ≥ 2.2
Non-switching
2.3
mA
Quiescent Current:
Disabled Mode
ICC-DISABLE
VCC = 12V, EN = 0V
5
10
µA
VCC Under Voltage Lockout
Input Supply Under Voltage
Threshold
VCC-UV
VCC Increasing
4.1
4.3
4.5
V
Input Supply Under Voltage
Threshold Hysteresis
VCC-
UV_HYST
300
325
350
mV
Oscillator
Oscillator Frequency
fOSC
0.9
1
1.1
MHz


Similar Part No. - ZSPM4012B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4012BA1W00 ETC2-ZSPM4012BA1W00 Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W00 RENESAS-ZSPM4012BA1W00 Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4012BA1W15 ETC2-ZSPM4012BA1W15 Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
More results

Similar Description - ZSPM4012B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
   2A, 4MHz High Efficiency Synchronous Buck Converter
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com