Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4011BA1W15 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSPM4011BA1W15
Description  High Efficiency 1A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4011BA1W15 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSPM4011BA1W15 Datasheet HTML 7Page - Integrated Device Technology ZSPM4011BA1W15 Datasheet HTML 8Page - Integrated Device Technology ZSPM4011BA1W15 Datasheet HTML 9Page - Integrated Device Technology ZSPM4011BA1W15 Datasheet HTML 10Page - Integrated Device Technology ZSPM4011BA1W15 Datasheet HTML 11Page - Integrated Device Technology ZSPM4011BA1W15 Datasheet HTML 12Page - Integrated Device Technology ZSPM4011BA1W15 Datasheet HTML 13Page - Integrated Device Technology ZSPM4011BA1W15 Datasheet HTML 14Page - Integrated Device Technology ZSPM4011BA1W15 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ZSPM4011B Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 27, 2016
Figure 2.13 Standby Current vs. Input Voltage
Figure 2.14 Standby Current vs. Temperature
Figure 2.15 Output Voltage vs. Temperature
Figure 2.16 Oscillator Frequency vs. Temperature
(Iout=300mA)
Figure 2.17 Quiescent Current vs. Temperature (No load)
Figure 2.18 Input Current vs. Temperature
(No load, No switching)


Similar Part No. - ZSPM4011BA1W15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011BA1W15 ETC2-ZSPM4011BA1W15 Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011BA1W15 RENESAS-ZSPM4011BA1W15 Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4011BA1W15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
ZSPM4011 RENESAS-ZSPM4011 Datasheet
682Kb / 21P
   ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
   High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
   1.5MHz, 1A High Efficiency Buck Converter
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com