Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLED7002 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7002 Datasheet(HTML) 4 Page - Integrated Device Technology

  ZLED7002 Datasheet HTML 1Page - Integrated Device Technology ZLED7002 Datasheet HTML 2Page - Integrated Device Technology ZLED7002 Datasheet HTML 3Page - Integrated Device Technology ZLED7002 Datasheet HTML 4Page - Integrated Device Technology ZLED7002 Datasheet HTML 5Page - Integrated Device Technology ZLED7002 Datasheet HTML 6Page - Integrated Device Technology ZLED7002 Datasheet HTML 7Page - Integrated Device Technology ZLED7002 Datasheet HTML 8Page - Integrated Device Technology ZLED7002 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZLED7002 Datasheet
© 2016 Integrated Device Technology, Inc.
4
April 20, 2016
1
IC Characteristics
1.1.
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage
VCC
-0.3
6.5
V
1.1.2
Iset pin voltage
VISET
-0.3
6.5
V
1.1.3
UV pin voltage
VUV-PIN
-0.3
6.5
V
1.1.4
MAIN pin voltage
VMAIN
-0.3
6.5
V
1.1.5
SUB pin voltage
VSUB
-0.3
6.5
V
1.1.6
MAIN pin current
IMAIN_ABS
500
mA
1.1.7
SUB pin current
ISUB_ABS
300
mA
1.1.8
ESD performance
Ptot
Human Body Model
±4
kV
1.1.9
Junction temperature
TJ
150
°C
1.1.10
Storage temperature
TS
-60
150
°C
1.2.
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
Tamb
-25
+85
°C
1.2.2
Input voltage
VCC
2.7
5.5
V
1.3.
Electrical Parameters
Except as noted, conditions for the following specifications are Tamb = -25°C to +85°C (25°C typical); VCC = 2.7V to 5.5V.
Production testing of the chip is performed at 25°C; VCC=3.6V, unless otherwise stated. Functional operation of the chip and
specified parameters at other temperatures are guaranteed by design, characterization, and process control.
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
Quiescent current
ICC
2.7
≤ VCC ≤ 5.5;
1.4 < VUV-PIN < 5.5; no load
250
320
uA
1.3.2
IMAIN to IISET ratio
--
VCC = 4.2V, R3 = 30K
Ω
8000
1.3.3
Iset pin voltage
VISET
1.2
V
1.3.4
Main LED current accuracy
--
VCC = 2.7V; VMAIN =0.5V
±5
%
1.3.5
Dropout voltage – MAIN
channel current source
VDP
Iout=204mA, Rset=47K
0.2
V
1.3.6
“ON” resistance – SUB
channel
RSUB
2.7V ≤ Vcc ≤ 5.5V
2.0
Ω
1.3.7
UV pin under-voltage
threshold
VUVTHRSH
Switches from MAIN LED
to SUB LED if VUV-PIN tran-
sitions from high to low
voltage and VUV-PIN is lower
than VUVTHRSH.
1.13
1.17
1.21
V


Similar Part No. - ZLED7002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7002 ETC2-ZLED7002 Datasheet
1Mb / 14P
   Toggle (Side-Step) Dual-Channel LED Driver
logo
Renesas Technology Corp
ZLED7002 RENESAS-ZLED7002 Datasheet
520Kb / 13P
   Toggle (Side-Step) Dual-Channel LED Driver
April 20, 2016
logo
List of Unclassifed Man...
ZLED7002-ZI1R ETC2-ZLED7002-ZI1R Datasheet
1Mb / 14P
   Toggle (Side-Step) Dual-Channel LED Driver
ZLED7002KIT-E1 ETC2-ZLED7002KIT-E1 Datasheet
1Mb / 14P
   Toggle (Side-Step) Dual-Channel LED Driver
logo
Renesas Technology Corp
ZLED7002KIT-E1 RENESAS-ZLED7002KIT-E1 Datasheet
520Kb / 13P
   Toggle (Side-Step) Dual-Channel LED Driver
April 20, 2016
More results

Similar Description - ZLED7002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7002 ETC2-ZLED7002 Datasheet
1Mb / 14P
   Toggle (Side-Step) Dual-Channel LED Driver
logo
Renesas Technology Corp
ZLED7002 RENESAS-ZLED7002 Datasheet
520Kb / 13P
   Toggle (Side-Step) Dual-Channel LED Driver
April 20, 2016
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
logo
List of Unclassifed Man...
TA7666P ETC2-TA7666P Datasheet
450Kb / 6P
   5 Step Logarithmic Dual LED Driver
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
logo
ON Semiconductor
LV52207AXA ONSEMI-LV52207AXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
November 2014 - Rev. 1
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
logo
AIMTEC
AMLBW-3625Z AIMTEC-AMLBW-3625Z Datasheet
449Kb / 8P
   Step Up LED Driver
logo
Integrated Silicon Solu...
IS31LT3135 ISSI-IS31LT3135 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com