Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZAMC4100GA2R Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ZAMC4100GA2R
Description  Actuator and Motor Controller
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100GA2R Datasheet(HTML) 3 Page - Integrated Device Technology

  ZAMC4100GA2R Datasheet HTML 1Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 2Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 3Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 4Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 5Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 6Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 7Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 8Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
3
January 26, 2016
System Basis Chip
TXD
RXD
AFE Ctrl. & Data Path
S_P
S_N
AIN1
AIN2
VSS1..5
CAP_1V8
TXD
RXD
TEST CONTROL
CSN
SPI_CLK
MOSI
MISO
MCU_CLK
1V8_MCU
3V3_MCU
CAP_CP
VSSA
CAP_5V0
VDDE
LIN
SBC Analog
SBC Dig. Core
LIN PHY
VDD1V8
VDD3V3
VDD5V0
BG & Ref
VDD2V5
Charge Pump
OSCL 125kHz
POR
PORB
OVRV
UNDV
OVRT
OSCH 20MHz
Motor driver
Lamp & Defogger Driver
Analog Back-End
MCU chip
TRSTN
TEST
TEST
TCK
TCK
TMS
TMS
TRSTN
STO
TDI
TDO
TEST
&
FLASH PROGRAMMING
CONTROL
SPI Slave
& Control Logic
LIN wake-up
Diagnostic & Control
Clk & Reset Ctrl
Analog Back-End Control
Reg File
WDT
IRQ Ctrl
Diagnostic
Driver
CTRL
DAC
Ctrl
IRQN
UART
Clk & Rst ctrl
MCU_RSTN
SPI
Master/Slave
IRQ Ctrl
RAM 2KB
FLASH
32KB
GPIO2
GPIO3
GPIO4
GPIO1
GPIO0
SAR
ADC
Vref
Analog Front-End
TIMER modules
CAP_3V3
ARM Cortex M0
VDDE1..8
GPIO5
GPIO6
GPIO7
VSSD1
VSS_LIN
256B emulated
EEPROM (optional)
PWM
CAP_MCU
DBGEN
VSS_IO
AIN3/TEMP1
AIN4/TEMP2
ZAMC4100 Block Diagram
SENSORS INTERFACE PINS
DESCRIPTION
S_P
Positive supply for sensors (5V)
S_N
Negative supply for sensors (0V)
AIN1
General purpose ADC input
AIN2
General purpose ADC input
AIN3/TEMP1
General purpose ADC input/temperature sensor input
AIN4/TEMP2
General purpose ADC input/temperature sensor input


Similar Part No. - ZAMC4100GA2R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZAMC4100GA2R RENESAS-ZAMC4100GA2R Datasheet
3Mb / 156P
   Actuator and Motor Controller
January 26, 2016
More results

Similar Description - ZAMC4100GA2R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZAMC4100 RENESAS-ZAMC4100 Datasheet
3Mb / 156P
   Actuator and Motor Controller
January 26, 2016
logo
Mitsubishi Electric Sem...
M63013FP MITSUBISHI-M63013FP Datasheet
137Kb / 17P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63022FP MITSUBISHI-M63022FP Datasheet
188Kb / 14P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63015FP MITSUBISHI-M63015FP Datasheet
196Kb / 15P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63020FP MITSUBISHI-M63020FP Datasheet
144Kb / 17P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63010FP MITSUBISHI-M63010FP Datasheet
133Kb / 16P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
logo
Renesas Technology Corp
M63023FP RENESAS-M63023FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63010FP RENESAS-M63010FP Datasheet
6Mb / 17P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63021FP MITSUBISHI-M63021FP Datasheet
141Kb / 17P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Renesas Technology Corp
M63028 RENESAS-M63028 Datasheet
510Kb / 22P
   Spindle Motor and 5ch Actuator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com