Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F439 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB90F439
Description  16-bit Proprietary Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F439 Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB90F439 Datasheet HTML 1Page - Cypress Semiconductor MB90F439 Datasheet HTML 2Page - Cypress Semiconductor MB90F439 Datasheet HTML 3Page - Cypress Semiconductor MB90F439 Datasheet HTML 4Page - Cypress Semiconductor MB90F439 Datasheet HTML 5Page - Cypress Semiconductor MB90F439 Datasheet HTML 6Page - Cypress Semiconductor MB90F439 Datasheet HTML 7Page - Cypress Semiconductor MB90F439 Datasheet HTML 8Page - Cypress Semiconductor MB90F439 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2002-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2008.8
The information for microcontroller supports is shown in the following homepage.
Be sure to refer to the "Check Sheet" for the latest cautions on development.
"Check Sheet" is seen at the following support page
"Check Sheet" lists the minimal requirement items to be checked to prevent problems beforehand in
system development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90435 Series
MB90437L (S) /438L (S) /F438L (S)
MB90439 (S) /F439 (S) /V540G
■ DESCRIPTION
The MB90435 series with FLASH ROM is specially designed for industrial applications.
The instruction set by F2MC-16LX CPU core inherits an AT architecture of the F2MC* family with additional
instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division instruc-
tions, and enhanced bit manipulation instructions.The micro controller has a 32-bit accumulator for processing
long word data.
The MB90435 series has peripheral resources of 8/10-bit A/D converters, UART (SCI) , extended I/O serial
interfaces, 8/16-bit timer, I/O timer (input capture (ICU) , output compare (OCU) ) .
* : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
•Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from : divided-by-2 of oscillation or one to four times the oscillation
Minimum instruction execution time : 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock,
VCC of 5.0 V)
Subsystem Clock : 32 kHz
(Continued)
DS07-13727-2E


Similar Part No. - MB90F439

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F439 FUJITSU-MB90F439 Datasheet
629Kb / 58P
   16-bit Proprietary Microcontroller
MB90F439PF FUJITSU-MB90F439PF Datasheet
629Kb / 58P
   16-bit Proprietary Microcontroller
MB90F439PF FUJITSU-MB90F439PF Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
MB90F439PFV FUJITSU-MB90F439PFV Datasheet
629Kb / 58P
   16-bit Proprietary Microcontroller
MB90F439PMC FUJITSU-MB90F439PMC Datasheet
1Mb / 60P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F439

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com