Electronic Components Datasheet Search |
|
T495M107K2R5ATE045 Datasheet(PDF) 6 Page - Kemet Corporation |
|
T495M107K2R5ATE045 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 29 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2009_T495 • 6/23/2016 66 Tantalum Surface Mount Capacitors – Low ESR T495 Series Surge Robust MnO 2 Table 1 – Ratings & Part Number Reference (1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85ºC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % at +20ºC 120 Hz Max mΩ at 20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC 2.5 100 T/3528-12 T495T107(M)2R5A(2)E3K0 2.5 24.0 3000 153 138 61 125 1 2.5 220 D/7343-31 T495D227(1)2R5A(2)E045 5.5 8.0 45 1826 1643 730 125 1 2.5 470 D/7343-31 T495D477(1)2R5A(2)E035 11.8 8.0 35 2070 1863 828 125 1 2.5 1000 X/7343-43 T495X108(1)2R5A(2)E030 25.0 15.0 30 2345 2111 938 125 1 2.5 1000 X/7343-43 T495X108(1)2R5A(2)E040 25.0 15.0 40 2031 1828 812 125 1 4 6.8 A/3216-18 T495A685(1)004A(2)E2K0 0.5 6.0 2000 194 175 78 125 1 4 22 C/6032-28 T495C226(1)004A(2)E2K4 0.9 6.0 2400 214 193 86 125 1 4 22 C/6032-28 T495C226(1)004A(2)E380 0.9 6.0 380 538 484 215 125 1 4 33 T/3528-12 T495T336(1)004A(2)E1K2 1.3 8.0 1200 242 218 97 125 1 4 47 T/3528-12 T495T476(1)004A(2)E1K0 1.9 10.0 1000 265 239 106 125 1 4 68 T/3528-12 T495T686(1)004A(2)E1K5 2.7 20.0 1500 216 194 86 125 1 4 68 V/7343-20 T495V686(1)004A(2)E150 2.7 6.0 150 913 822 365 125 1 4 100 B/3528-21 T495B107(1)004A(2)E500 4.0 8.0 500 412 371 165 125 1 4 100 D/7343-31 T495D107(1)004A(2)E800 4.0 6.0 800 433 390 173 125 1 4 150 B/3528-21 T495B157(M)004A(2)E900 6.0 12.0 900 307 276 123 125 1 4 150 C/6032-28 T495C157(1)004A(2)E070 6.0 12.0 70 1254 1129 502 125 1 4 150 C/6032-28 T495C157(1)004A(2)E250 6.0 8.0 250 663 597 265 125 1 4 150 U/6032-15 T495U157(1)004A(2)E200 6.0 8.0 200 671 604 268 125 1 4 220 D/7343-31 T495D227(1)004A(2)E040 8.8 8.0 40 1936 1742 774 125 1 4 220 D/7343-31 T495D227(1)004A(2)E050 8.8 8.0 50 1732 1559 693 125 1 4 220 D/7343-31 T495D227(1)004A(2)E100 8.8 8.0 100 1225 1103 490 125 1 4 330 C/6032-28 T495C337(1)004A(2)E300 13.2 10.0 300 606 545 242 125 1 4 330 C/6032-28 T495C337(1)004A(2)E700 13.2 12.0 700 396 356 158 125 1 4 330 D/7343-31 T495D337(1)004A(2)E030 13.2 8.0 30 2236 2012 894 125 1 4 330 D/7343-31 T495D337(1)004A(2)E045 13.2 8.0 45 1826 1643 730 125 1 4 330 D/7343-31 T495D337(1)004A(2)E100 13.2 8.0 100 1225 1103 490 125 1 4 470 D/7343-31 T495D477(1)004A(2)E045 18.8 12.0 45 1826 1643 730 125 1 4 470 D/7343-31 T495D477(1)004A(2)E100 18.8 12.0 100 1225 1103 490 125 1 4 470 X/7343-43 T495X477(1)004A(2)E030 18.8 8.0 30 2345 2111 938 125 1 4 470 X/7343-43 T495X477(1)004A(2)E045 18.8 8.0 45 1915 1724 766 125 1 4 470 X/7343-43 T495X477(1)004A(2)E060 18.8 10.0 60 1658 1492 663 125 1 4 470 X/7343-43 T495X477(1)004A(2)E100 18.8 8.0 100 1285 1157 514 125 1 4 680 X/7343-43 T495X687(1)004A(2)E040 27.2 10.0 40 2031 1828 812 125 1 4 680 X/7343-43 T495X687(1)004A(2)E060 27.2 10.0 60 1658 1492 663 125 1 4 680 X/7343-43 T495X687(1)004A(2)E100 27.2 10.0 100 1285 1157 514 125 1 4 1000 X/7343-43 T495X108(1)004A(2)E030 40.0 10.0 30 2345 2111 938 125 1 4 1000 X/7343-43 T495X108(1)004A(2)E040 40.0 10.0 40 2031 1828 812 125 1 4 1000 X/7343-43 T495X108(1)004A(2)E060 40.0 10.0 60 1658 1492 663 125 1 4 1000 X/7343-43 T495X108(1)004A(2)E070 40.0 10.0 70 1535 1382 614 125 1 4 1000 X/7343-43 T495X108(1)004A(2)E090 40.0 10.0 90 1354 1219 542 125 1 4 1000 X/7343-43 T495X108(1)004A(2)E100 40.0 10.0 100 1285 1157 514 125 1 4 1000 E/7360-38 T495E108(1)004A(2)E035 40.0 15.0 35 2390 2151 956 125 1 4 1000 E/7360-38 T495E108(1)004A(2)E050 40.0 15.0 50 2000 1800 800 125 1 6.3 2.2 A/3216-18 T495A225(1)006ATE5K0 0.5 6.0 5000 122 110 49 125 1 6.3 3.3 A/3216-18 T495A335(1)006ATE3K0 0.5 6.0 3000 158 142 63 125 1 6.3 6.8 A/3216-18 T495A685(1)006ATE1K8 0.5 6.0 1800 204 184 82 125 1 6.3 6.8 A/3216-18 T495A685(1)006ATE2K0 0.5 6.0 2000 194 175 78 125 1 6.3 6.8 A/3216-18 T495A685(1)006A(2)E4K5 0.5 6.0 4500 129 116 52 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % at +20ºC 120 Hz Max mΩ at 20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T495M107K2R5ATE045 |
|
Similar Description - T495M107K2R5ATE045 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |