Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM43364KUBGT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # BCM43364KUBGT
Description  Single-band 2.4 GHz IEEE 802.11b/g/n
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43364KUBGT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button BCM43364KUBGT Datasheet HTML 2Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 3Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 4Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 5Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 6Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 7Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 8Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 9Page - Cypress Semiconductor BCM43364KUBGT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Document Number: 002-14781 Rev. *C
Page 6 of 68
PRELIMINARY
CYW43364
2. Power Supplies and Power Management
2.1 Power Supply Topology
One Buck regulator, multiple LDO regulators, and a power management unit (PMU) are integrated into the CYW43364. All regulators
are programmable via the PMU to simplify the power supply.
A single VBAT (3.0V to 4.8V DC maximum) and VDDIO supply (1.8V to 3.3V) can be used, with all additional voltages being provided
by the regulators in the CYW43364.
The WL_REG_ON control signal is used to power up the regulators and take the respective circuit blocks out of reset. The CBUCK
CLDO and LNLDO power up when any of the reset signals are deasserted. All regulators are powered down only when WL_REG_ON
is deasserted. The CLDO and LNLDO can be turned on and off based on the dynamic demands of the digital baseband.
The CYW43364 allows for an extremely low power-consumption mode by completely shutting down the CBUCK, CLDO, and LNLDO
regulators. When in this state, LPLDO1 provides the CYW43364 with all required voltage, further reducing leakage currents.
Notes:
VBAT should be connected to the LDO_VDDBAT5V and SR_VDDBAT5V pins of the device.
VDDIO should be connected to the SYS_VDDIO and WCC_VDDIO pins of the device.
2.2 CYW43364 PMU Features
The PMU supports the following:
VBAT to 1.35Vout (170 mA nominal, 370 mA maximum) Core-Buck (CBUCK) switching regulator
VBAT to 3.3Vout (250 mA nominal, 450 mA maximum 800 mA peak maximum) LDO3P3
1.35V to 1.2Vout (100 mA nominal, 150 mA maximum) LNLDO
1.35V to 1.2Vout (80 mA nominal, 200 mA maximum) CLDO with bypass mode for deep sleep
Additional internal LDOs (not externally accessible)
PMU internal timer auto-calibration by the crystal clock for precise wake-up timing from extremely low power-consumption mode.
Figure 3 on page 7 and Figure 4 on page 8 show the typical power topology of the CYW43364.


Similar Part No. - BCM43364KUBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
More results

Similar Description - BCM43364KUBGT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
MRF24WG0MA MICROCHIP-MRF24WG0MA Datasheet
657Kb / 38P
   MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
11/29/11
MRF24WG0MA MICROCHIP-MRF24WG0MA_12 Datasheet
657Kb / 38P
   MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
2012 11/29/11
logo
Broadcom Corporation.
BCM5356 BOARDCOM-BCM5356 Datasheet
142Kb / 2P
   IEEE 802.11b/g and SINGLE-STREAM IEEE 802.11n 2.4 GHz ROUTER WITH ACCELERANGE™ TECHNOLOGY
logo
Realtek Semiconductor C...
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com