Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H4452M-01 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA30H4452M-01
Description  440-520MHz 30W 12.5V MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H4452M-01 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA30H4452M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H4452M-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI RF MOSFET MODULE
RA30H4452M
440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M
MITSUBISHI ELECTRIC
2 Dec 2002
1/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
The RA30H4452M is a 30-watt RF MOSFET Amplifier
Module for 12.5-volt mobile radios that operate in the 440- to
520-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate
voltage (VGG=0V), only a small leakage current flows into the
drain and the RF input signal attenuates up to 60 dB. The output
power and drain current increase as the gate voltage increases.
With a gate voltage around 4V (minimum), output power and
drain current increases substantially. The nominal output power
becomes available at 4.5V (typical) and 5V (maximum). At
VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may
also be used for linear modulation by setting the drain quiescent
current with the gate voltage and controlling the output power with
the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD
≅0 @ V
DD=12.5V, VGG=0V)
• Pout>30W,
η
T>40% @ VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 440-520MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• 66 x 21 x 9.8 mm
• Linear operation is possible by setting the quiescent drain
current with the gate voltage and controlling the output power
with the input power
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA30H4452M-E01
RA30H4452M-01
(Japan - packed without desiccator)
Antistatic tray,
10 modules/tray
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
BLOCK DIAGRAM
2
4
1
5
3


Similar Part No. - RA30H4452M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
185Kb / 8P
   Broadband Frequency Range
More results

Similar Description - RA30H4452M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4452M MITSUBISHI-RA30H4452M_10 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_11 Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M Datasheet
95Kb / 9P
   440-520MHz 45W 12.5V MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M Datasheet
71Kb / 9P
   440-520MHz 7W 12.5V PORTABLE/ MOBILE RADIO
M68762H MITSUBISHI-M68762H Datasheet
38Kb / 3P
   440-490MHz, 12.5V, 30W, FM MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_10 Datasheet
193Kb / 10P
   450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1_11 Datasheet
243Kb / 9P
   440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com