Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPR10-N-112-1213-2 Datasheet(PDF) 3 Page - ETAL Group

Part # MPR10-N-112-1213-2
Description  water-proof and dust-proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

MPR10-N-112-1213-2 Datasheet(HTML) 3 Page - ETAL Group

  MPR10-N-112-1213-2 Datasheet HTML 1Page - ETAL Group MPR10-N-112-1213-2 Datasheet HTML 2Page - ETAL Group MPR10-N-112-1213-2 Datasheet HTML 3Page - ETAL Group MPR10-N-112-1213-2 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-t-a.de
3
Mechanical Power Relays MPR
1638
5
Mechanical Power Relays MPR
Dimensions
Dimensions
M8
M10
26
49,6
99
34
4 x M4
screw-in depth 8 mm
DIN EN ISO 14583-M4x6-A2-50U
Six lobe screw T20
to DIN EN ISO 10664
34
4 x M4
max. mounting screw depth 8 mm
M10
M8
26
49,6
50
62
99
M4
T20
Mounting method 5 without integral side flange for optional
side and/or foot plate with M4 connectors
Mounting method 1 with side flange (50 mm distance between
holes) and M4 screw terminals


Similar Part No. - MPR10-N-112-1213-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPR10A ETC-MPR10A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
More results

Similar Description - MPR10-N-112-1213-2

ManufacturerPart #DatasheetDescription
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
   Dust and Water proof structure
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
List of Unclassifed Man...
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
   Water/dust/corrosion-proof design IP66/IP69K
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
logo
Omron Electronics LLC
EE-SX1161-W11 OMRON-EE-SX1161-W11 Datasheet
180Kb / 2P
   Dust-proof model.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com