Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD83C154T-25 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # AD83C154T-25
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

AD83C154T-25 Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button AD83C154T-25 Datasheet HTML 3Page - TEMIC Semiconductors AD83C154T-25 Datasheet HTML 4Page - TEMIC Semiconductors AD83C154T-25 Datasheet HTML 5Page - TEMIC Semiconductors AD83C154T-25 Datasheet HTML 6Page - TEMIC Semiconductors AD83C154T-25 Datasheet HTML 7Page - TEMIC Semiconductors AD83C154T-25 Datasheet HTML 8Page - TEMIC Semiconductors AD83C154T-25 Datasheet HTML 9Page - TEMIC Semiconductors AD83C154T-25 Datasheet HTML 10Page - TEMIC Semiconductors AD83C154T-25 Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
7
MATRA MHS
Table 1. Status of the external pins during idle and power down modes.
MODE
PROGRAM MEMORY
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Port Data
Port Data
Port Data
Port Data
Idle
External
1
1
Floating
Port Data
Address
Port Data
Power Down
Internal
0
0
Port Data
Port Data
Port Data
Port Data
Power Down
External
0
0
Floating
Port Data
Port Data
Port Data
Figure 4. I/O Buffers in the 83C154 (Ports 1, 2, 3).
Stop Clock Mode
Due to static design, the TEMIC 83C154 clock speed can
be reduced until 0 MHz without any data loss in memory
or registers. This mode allows step by step utilization, and
permits to reduce system power consumption by bringing
the clock frequency down to any value. At 0 MHz, the
power consumption is the same as in the Power Down
Mode.
I/O Ports
The I/O drives for P1, P2, P3 of the 83C154 are
impedance programmable. The I/O buffers for Ports 1, 2
and 3 are implemented as shown in figure 4.
When the port latch contains 0, all pFETS in figure 4 are
off while the nFET is turned on. When the port latch
makes a 0-to-1 transition, the nFET turns off. The strong
pullup pFET, T1, turns on for two oscillator periods,
pulling the output high very rapidly. As the output line is
drawn high, pFET T3 turns on through the inverter to
supply the IOH source current. This inverter and T3 form
a latch which holds the 1 and is supported by T2. When
Port 2 is used as an address port, for access to external
program of data memory, any address bit that contains a
1 will have his strong pullup turned on for the entire
duration of the external memory access.
When an I/O pin on Ports 1, 2, or 3 is used as an input, the
user should be aware that the external circuit must sink
current
during
the
logical
1-to-0
transition.
The
maximum sink current is specified as ITL under the D.C.
Specifications.
When
the
input
goes
below
approximately 2 V, T3 turns off to save ICC current. Note,
when returning to a logical 1, T2 is the only internal
pullup that is on. This will result in a slow rise time if the
user’s circuit does not force the input line high.
The input impedance of Port 1, 2, 2 are programmable
through the register IOCON. The ALF bit (IOCON0) set
all of the Port 1, 2, 3 floating when a Power Down mode
occurs. The P1HZ, P2HZ, P3HZ bits (IOCON1,
IOCON2, IOCON3) set respectively the Ports P1, P2, P3
in floating state. The IZC (IOCON4) allows to choose
input impedance of all ports (P1, P2, P3). When IZC = 0,
T2 and T3 pullup of I/O ports are active ; the internal input
impedance is approximately 10 K. When IZC = 1 only T2
pull-up is active. The T3 pull-up is turned off by IZC. The
internal impedance is approximately 100 K.
Oscillator Characteristics
XTAL1 and XTAL2 are the input and output respectively,
of an inverting amplifier which is configured for use as an
on-chip oscillator, as shown in figure 5. Either a quartz
crystal or ceramic resonator may be used.
Figure 5. Crystal Oscillator.
To drive the device from an external clock source,
XTAL1 should be driven while XTAL2 is left
unconnected as shown in figure 6. There are no
requirements on the duty cycle of the external clock
signal, since the input to the internal clocking circuitry is
through a divide-by-two flip-flop, but minimum and
maximum high and low times specified on the Data Sheet
must be observed.


Similar Part No. - AD83C154T-25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
AD830 AD-AD830 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
AD8300 AD-AD8300 Datasheet
245Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8300AN AD-AD8300AN Datasheet
245Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8300AR AD-AD8300AR Datasheet
245Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
More results

Similar Description - AD83C154T-25

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com