Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ804 Datasheet(PDF) 2 Page - Kingtronics International Company

Part # GBJ804
Description  SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 8.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

GBJ804 Datasheet(HTML) 2 Page - Kingtronics International Company

  GBJ804 Datasheet HTML 1Page - Kingtronics International Company GBJ804 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES
Note: Specifications are subject to change without notice.
GBJ801 THRU
GBJ810
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099


Similar Part No. - GBJ804

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ804 DIODES-GBJ804 Datasheet
64Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21217 Rev. D-2
logo
Yea Shin Technology Co....
GBJ804 YEASHIN-GBJ804 Datasheet
366Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
GBJ804 HY-GBJ804 Datasheet
366Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ804 MCC-GBJ804 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
GBJ804 GWSEMI-GBJ804 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - GBJ804

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
GBU8005-GBU810 KINGTRONICS-GBU8005-GBU810 Datasheet
344Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
GBJ1001-GBJ1010 KINGTRONICS-GBJ1001-GBJ1010 Datasheet
384Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 10 Ampere
GBJ2501-GBJ2510 KINGTRONICS-GBJ2501-GBJ2510 Datasheet
369Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 25 Ampere
GBJ35005-GBJ3510 KINGTRONICS-GBJ35005-GBJ3510 Datasheet
363Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 35 Ampere
GBU15005-GBU1510 KINGTRONICS-GBU15005-GBU1510 Datasheet
330Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
GBPC35005-GBPC3510 KINGTRONICS-GBPC35005-GBPC3510 Datasheet
369Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 35 Ampere
S25VB005-S25VB100 KINGTRONICS-S25VB005-S25VB100 Datasheet
362Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
GBPC25005-GBPC2510 KINGTRONICS-GBPC25005-GBPC2510 Datasheet
375Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com