Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-1048-8I3-C0D0V1-4U3-3A Datasheet(PDF) 3 Page - ETAL Group

Part # E-1048-8I3-C0D0V1-4U3-3A
Description  Integral power electronics provide a wear-resistant switching function, insensitive to shock and vibration
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-8I3-C0D0V1-4U3-3A Datasheet(HTML) 3 Page - ETAL Group

  E-1048-8I3-C0D0V1-4U3-3A Datasheet HTML 1Page - ETAL Group E-1048-8I3-C0D0V1-4U3-3A Datasheet HTML 2Page - ETAL Group E-1048-8I3-C0D0V1-4U3-3A Datasheet HTML 3Page - ETAL Group E-1048-8I3-C0D0V1-4U3-3A Datasheet HTML 4Page - ETAL Group E-1048-8I3-C0D0V1-4U3-3A Datasheet HTML 5Page - ETAL Group E-1048-8I3-C0D0V1-4U3-3A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.e-t-a.de
Smart Power Relay E-1048-8I...
1646
3
5
Smart Power Relay E-1048-8I...
Type
E-1048-8I
Smart Power Relay DC 12 V/24 V - 1 A...20 A
in INLINE version
Housing / temperature range
3
with housing / 70 °C (without moisture condensation)
4
with housing / -40 °C...+85 °C (70 °C at IN = 20 A)
C
with control input (+ control 8.5...32 V)
LEDs
0 without LEDs
3 2 LEDs: AS yellow, SF red
Status output minus-switching
A
without
D
with AS and SF
Contents of group fault signal SF/
LED indication SF
0
without
1
short circuit / overload
3
short circuit / overload + wire breakage on
4
short circuit / overload + wire breakage
off + wire breakage on
Analogue output
V0 without
V1 0...5 V
Characteristic curve
4 200 ms
(switch-off delay with overload)
Voltage rating
U3
DC 12/24 V
Current ratings /
colour of label
1 A / black
2 A / grey
3 A / purple
5 A / light-brown
7.5 A / brown
10 A / red
15 A / blue
20 A / yellow
Available configurations:
part number (without options = “BASIC”)
E-1048-8I
3
- C 0 A
0 V0 - 4 U3 - ... A
part number (various options)
E-1048-8I
4
- C 0 A
0 V0 - 4 U3 - ... A
E-1048-8I
4
- C 3 A
1 V0 - 4 U3 - ... A
E-1048-8I
4
- C 3 D
1 V0 - 4 U3 - ... A
E-1048-8I
4
- C 3 D
1 V1 - 4 U3 - ... A
E-1048-8I
4
- C 3 D
3 V0 - 4 U3 - ... A
E-1048-8I
4
- C 3 D
4 V0 - 4 U3 - ... A
part number (all options = “DELUXE”)
E-1048-8I
4
- C 3 D
4 V1 - 4 U3 - ... A
Ordering Information
Connection diagram INLINE version
(all options = “DELUXE”)
Dimensions INLINE version (all options = “DELUXE”)
Pin selection INLINE version
yellow
red
control input
analogue output 0 … 5 V
* Optionally available:
- signal outputs AS / SF
- analogue output U(I)
LOAD (+)
GND
LINE (+)
DC 12 V/24 V
IN+
AS
SF
AS *
SF *
U(I) *
=
max. 6,5 V
1…10 mA
max. 5 mA
max. 2 A
max. 2 A
group fault signal
control signal
E-1048-8I. 17-P10-Si
LINE + (2)
(2)
[2(k)]
GND
(5)
(5)
[12]
SF
(7)
(7)
[24]
U(I)
(3)
(3)
[2(i)]
AS
(6)
(6)
[23]
IN+
(4)
(4)
[11]
LOAD (1)
(1)
[1]
50
1 4
63
75 2
LED red
LED yellow
1.97
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Preferred types
Standard current ratings (A)
1
2
3
5
7.5 10 15 20
E-1048-8I4-C3D1V1-4U3-
x
x
x
x
x
x
x
x
E-1048-8I3-C3D1V0-4U3-
x
x
x
x
x
x
x
x
E-1048-8I4-C3A1V0-4U3-
x
x
x
x
x
x
x
x
Preferred types


Similar Part No. - E-1048-8I3-C0D0V1-4U3-3A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8C4-C0A0V0-4U3-1A ETAL-E-1048-8C4-C0A0V0-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-2A ETAL-E-1048-8C4-C0A0V0-4U3-2A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-3A ETAL-E-1048-8C4-C0A0V0-4U3-3A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V0-4U3-5A ETAL-E-1048-8C4-C0A0V0-4U3-5A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8C4-C0A0V1-4U3-1A ETAL-E-1048-8C4-C0A0V1-4U3-1A Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
More results

Similar Description - E-1048-8I3-C0D0V1-4U3-3A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1048-8D ETAL-E-1048-8D Datasheet
203Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048 ETAL-E-1048 Datasheet
193Kb / 4P
   Integral power electronics provide a wear-resistant switching function, insensitive to shock, vibration and dust
E-1048-8S ETAL-E-1048-8S Datasheet
214Kb / 4P
   The E-1048-8Slimline features integral power electronics and provides wear-free switching function, insensitive against shock, vibration and dust
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
   Vibration and shock resistant
logo
NXP Semiconductors
E188CC PHILIPS-E188CC Datasheet
974Kb / 24P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT DOUBLE TRIODE
9.9.1959
logo
QUARTZCOM the communica...
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
logo
NXP Semiconductors
E99F PHILIPS-E99F Datasheet
579Kb / 21P
   SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT R.F. PENTODE
9.9.1958
logo
QUARTZCOM the communica...
SMX-3S QUARTZCOM-SMX-3S Datasheet
114Kb / 1P
   Miniature SMD Crystal Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
   SMD VCXO HCMOS Highly shock and vibration resistant
TX7-503C QUARTZCOM-TX7-503C Datasheet
102Kb / 1P
   SMD TCXO CMOS Highly shock and vibration resistant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com