Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


5--21028--7 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part No. 5--21028--7
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 2 page
background image
408- 10040
Rev E
2
of 7
HAND TOOL
WIRE
DOT
HANDLE COLOR
TERMINAL COLOR CODE
STRIP LENGTH
HAND TOOL
PART
NUMBER
WIRE
SIZE
(AWG)
DOT
CODE
HANDLE COLOR
CODE
HIGH
TEMP.
LOW TEMP.
Min.
Max.
576778
24--22
2Dots
1 Handle Black
1 Handle Brown
Brown
Black
5.56 [.219]
6.35 [.250]
576779
20
1Dot
1 Handle Gray
1 Handle Purple
Gray
Purple
(With Black Stripe)
5.56 [.219]
6.35 [.250]
576780
18
2Dots
1 Handle Orange
1 Handle Black
Orange
Orange
(With Black Stripe)
5.56 [.219]
6.35 [.250]
576781
16
1Dot
2 Handles Orange
Orange
Orange
(With Black Stripe)
5.56 [.219]
6.35 [.250]
576782
14
2Dots
1 Handle White
1 Handle Black
White
White
(With Black Stripe)
5.56 [.219]
6.35 [.250]
576783
12
1Dot
2 Handles White
White
White
(With Black Stripe)
5.56 [.219]
6.35 [.250]
576784
10
1Dot
2 Handles Black
Black
------
7.62 [.300]
8.38 [.330]
Figure 2
3. CRIMPING PROCEDURE
Refer toSection5for informationonthe
insulation crimp adjustment.
Refer to Figure 3 and the following steps for terminal
crimping procedures.
Figure 3
PIDG STRATO-THERM Terminals
Locator
Wire Barrel Butts
Against Locator
End of Conductor
Butts Against
Locator
Insulation Barrel
Wire Barrel
1. Strip the wire to the dimension provided in
Figure 2, being careful to avoid nicking or
damaging the conductor(s).
Do NOT use wire with nicked or missing
conductors.
Make sure terminal insulation color code matches
tool handle color.
2. Open the tool jaws by closing the tool handles
until the ratchet releases, then allow the handles to
open fully.
3. Place the terminal in the dies so that the wire
barrel butts against the locator.
4. Close the tool handles until the terminal is held
firmly in place. Do NOT deform the terminal.
5. Insert properly stripped wire into the terminal
until the end of the conductor butts against the
locator.
Do NOT allow wire insulation to enter the
terminal wire barrel.
6. Complete the crimp by closing the tool handles
until the ratchet releases.
7. Release the tool handles, allow the handles to
open fully, and remove the crimped terminal.
8. Observe the dot code on the finished crimp to
ensure that the correct terminal and tool
combination was used. See Figure 2.
9. Refer to Section 4 and Figure 4 for terminal
crimp inspection procedure.
NOTE
i
CAUTION
!
NOTE
i
CAUTION
!




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl