Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3UB40 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # D3UB40
Description  Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

D3UB40 Datasheet(HTML) 1 Page - Kingtronics International Company

  D3UB40 Datasheet HTML 1Page - Kingtronics International Company D3UB40 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 3.0 Amperes
◆Ideal for printed circuit boards
◆Reliable low cost construction technique
results in inexpensive product
◆High temperature soldering guaranteed:
260
/ 10 seconds
◆UL Recognized File number: E347214
Case: Molded plastic
Lead: solder plated
Polarity: As marked on body
Mounting Torque: 0.8N·m
Recommended Torque: 0.5N·m
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
D3UB
05
D3UB
10
D3UB
20
D3UB
40
D3UB
60
D3UB
80
D3UB
100
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
TC= 100℃
Rectified Current at
TA= 40℃
IF(AV)
3.0
(1)
2.0
(2)
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load (JEDEC method)
IFSM
60
A
Maximum Instantaneous Forward Voltage @ 3A
VF
1.1
V
Rating for fusing (3ms
≤t<8.3ms) Tj=25℃
I
2t
15
A
2sec
Maximum DC Reverse Current @
TA=25℃
rated DC blocking voltage per leg
TA = 125℃
IR
5.0
500
μA
Typical Thermal Resistance (Note)
RθJA
RθJL
40
15
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
NOTE1. Unit case mounted on 1.6*1.6*0.06” thick (5.1*5.1*0.15cm) Al.Plate
2. Unit mounted on P.C.B. with 0.5*0.5” (12.7*1.27mm) copper pads and 0.375” (9.5mm) lead length
D3UB05 THRU
D3UB100
FEATURES
Package: D3K
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
MECHANICAL DATA
Dimensions in inches and (millimeters)


Similar Part No. - D3UB40

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D3UB40 KINGTRONICS-D3UB40 Datasheet
392Kb / 2P
   Single Phase 3.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
D3UB40 KINGTRONICS-D3UB40 Datasheet
223Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
logo
SeCoS Halbleitertechnol...
D3UB40 SECOS-D3UB40 Datasheet
194Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
D3UB40 YANGJIE-D3UB40 Datasheet
160Kb / 4P
   Bridge Rectifiers
logo
First Silicon Co., Ltd
D3UB40 FS-D3UB40 Datasheet
500Kb / 3P
   Bridge Rectifiers
More results

Similar Description - D3UB40

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100 Datasheet
392Kb / 2P
   Single Phase 3.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410 Datasheet
523Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
D2UB05-THRU-D2UB100 KINGTRONICS-D2UB05-THRU-D2UB100_15 Datasheet
223Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
D4UB05-THRU-D4UB100 KINGTRONICS-D4UB05-THRU-D4UB100_15 Datasheet
470Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
KBP2005-KBP210 KINGTRONICS-KBP2005-KBP210 Datasheet
505Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 2.0 Amperes
DB101S-DB107S KINGTRONICS-DB101S-DB107S Datasheet
366Kb / 2P
   Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
GBJ6005-GBJ610 KINGTRONICS-GBJ6005-GBJ610 Datasheet
592Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
KBU6005-KBU610 KINGTRONICS-KBU6005-KBU610 Datasheet
387Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes
DB101-DB107 KINGTRONICS-DB101-DB107 Datasheet
334Kb / 2P
   Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
Pan Jit International I...
GBP300 PANJIT-GBP300 Datasheet
40Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com