Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM50RSE120 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM50RSE120
Description  INTELLIGENT POWER MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50RSE120 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM50RSE120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50RSE120
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50RSE120
FLAT-BASE TYPE
INSULATED PACKAGE
PM50RSE120
FEATURE
a) Adopting new 4th generation planar IGBT chip, which per-
formance is improved by 1
µm fine rule process.
b) Using new Diode which is designed to get soft reverse
recovery characteristics.
•3
φ 50A, 1200V Current-sense IGBT for 15kHz switching
• 15A, 1200V Current-sense regenerative brake IGBT
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for over-
current, short-circuit, over-temperature & under-voltage
• Acoustic noise-less 5.5/7.5kW class inverter application
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
Terminal code
1. VUPC
2. UP
3. VUP1
4. VVPC
5. VP
6. VVP1
7. VWPC
8. WP
9. VWP1
10. VNC
11. VN1
12. Br
13. UN
14. VN
15. WN
16. FO
A : DETAIL
16
15
14
13
12
11
10
9
78
6
5
4
3
2
1
WV
U
A
MOUNTING HOLES
Screwing depth
Min9.0
12
2-
φ2.54
110±1
95±0.5
24.5
0.5±0.3
3.22
67.4
26
26
17.02
2-2.54
2-2.54
6-2.54
2-2.54
4-R6
6-M5NUTS
4-
φ5.5
10.16
10.16
10.16
LABEL
3.22
2-2.54
φ2.54
22
21.2
–0.5
+1.0
16-
0.64
0.64


Similar Part No. - PM50RSE120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
140Kb / 9P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSE120 MITSUBISHI-PM50RSE120_05 Datasheet
140Kb / 9P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50RSE120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
PM50B6L1C060 MITSUBISHI-PM50B6L1C060 Datasheet
352Kb / 12P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com