Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C102G5GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C102G5GACTU
Description  Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1000 pF, /-2% Tol, 50 V, C0G, 0805 (2012 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C102G5GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C102G5GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/25/2016 - c6f761f8-91df-4de5-8e38-85c590a3fc29
KEMET Part Number: C0805C102G5GACTU
(C0805C102G5GAC7800)
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1000 pF, +/-2% Tol, 50 V, C0G, 0805 (2012 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
2
+/-0.2
W
1.25
+/-0.2
T
0.78
+/-0.10
B
0.5
+/-0.25
S
0.75
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 0805 (2012 metric)
Temperature Coefficient: C0G
Part Type Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 1000 pF
Voltage: 50 V
Tolerance: +/-2%
Temperature Range: -55/+125C
Dissipation Factor: 0.1%
Failure Rate: N/A
Aging Rate: 0% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 125 V
Miscellaneous: Note: KEMET 50V rated parts
may be operated at 63 Volts
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C102G5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102G3GACTU KEMET-C0805C102G3GACTU Datasheet
62Kb / 1P
   SMD Comm C0G, Ceramic, 1000 pF, 2%, 25 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C102GCRAC KEMET-C0805C102GCRAC Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
C0805C102GDRAC KEMET-C0805C102GDRAC Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
C0805C102GGRAC KEMET-C0805C102GGRAC Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C0805C102G5GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C101G5GACTU KEMET-C0805C101G5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 100 pF, /-2% Tol, 50 V, C0G, 0805 (2012 metric)
C0805C820G5GACTU KEMET-C0805C820G5GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 82 pF, /-2% Tol, 50 V, C0G, 0805 (2012 metric)
C0805C102F1GACTU KEMET-C0805C102F1GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1000 pF, /-1% Tol, 100 V, C0G, 0805 (2012 metric)
C0805C330JDGACTU KEMET-C0805C330JDGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 33 pF, /-5% Tol, 1000 V, C0G, 0805 (2012 metric)
C0805C100JDGACTU KEMET-C0805C100JDGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 10 pF, /-5% Tol, 1000 V, C0G, 0805 (2012 metric)
C0805C220JDGACTU KEMET-C0805C220JDGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 22 pF, /-5% Tol, 1000 V, C0G, 0805 (2012 metric)
C0805C101KDGACTU KEMET-C0805C101KDGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 100 pF, /-10% Tol, 1000 V, C0G, 0805 (2012 metric)
C0805C101JDGACTU KEMET-C0805C101JDGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 100 pF, /-5% Tol, 1000 V, C0G, 0805 (2012 metric)
C0805C102K1GACTU KEMET-C0805C102K1GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1000 pF, /-10% Tol, 100 V, C0G, 0805 (2012 metric)
C0805C519C5GACTU KEMET-C0805C519C5GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 5.1 pF, /-0.25pF Tol, 50 V, C0G, 0805 (2012 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com