Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74ST1G86 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74ST1G86
Description  SOTiny Gate ST 2-Input Exclusive OR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ST1G86 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74ST1G86 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ST1G86 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ST1G86 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ST1G86 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS8520D
07/07/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74ST1G86
SOTinyGate ST
2-Input Exclusive OR
AC Electrical Characteristics
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV C
C
)
V
(s
n
o
i
t
i
d
n
o
C
TA
C
°
5
2
+
=TA
C
°
5
8
+
o
t
C
°
0
4
=
s
t
i
n
U.
o
N
.
g
i
F
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
t H
L
P
,
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
8
.
1
2
.
0
±
5
.
2
3
.
0
±
3
.
3
CL
,
F
p
5
1
=
RL
M
1
=
0
.
2
8
.
0
5
.
0
7
.
3
0
.
2
4
.
1
7
.
4
7
.
2
0
.
2
0
.
2
8
.
0
5
.
0
2
.
5
9
.
2
2
.
2
s
n
1
3
3
.
0
±
3
.
3
CL
,
F
p
0
5
=
RL
0
0
5
=
5
.
11
.
30
.
45
.
14
.
4
1
3
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
0
=4
F
p
C D
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
e
c
n
a
ti
c
a
p
a
C
3
.
33
e
t
o
N4
22
Notes:
3. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no
output loading and operating at 50% duty cycle (see Figure 2). CPD is related to ICCD dynamic operating current by the expression: ICCD =
(CPD)(VCC)(fIN) + (ICC static).
AC Loading and Waveforms
Figure 1. AC Test Circuit
Figure 2. ICCD Test Circuit
CL includes load and stray capacitance
Input PRR = 1.0 MHz; tW = 500ns
Input
RL
CL
VCC
Output
Input = AC Waveform; tr = tf = 1.8ns;
PRR = 10 MHz; Duty Cycle = 50%
Input
VCC
Output
A
In Phase
OUTPUT
Out of Phase
OUTPUT
INPUT
tW
tr = 3ns
tf = 3ns
tPLH
50%
50%
50%
50%
50%
50%
90%
90%
10%
10%
VCC
VOH
VOH
GND
tPLH
tPHL
tPHL
VOL
VOL
Figure 3. AC Waveforms


Similar Part No. - PI74ST1G86

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
PI74ST1G00CX PERICOM-PI74ST1G00CX Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
PI74ST1G00TX PERICOM-PI74ST1G00TX Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
   SOTiny Logic 2-Input NOR Gate
PI74ST1G02CX PERICOM-PI74ST1G02CX Datasheet
331Kb / 4P
   SOTiny Logic 2-Input NOR Gate
More results

Similar Description - PI74ST1G86

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G08 PERICOM-PI74ST1G08 Datasheet
317Kb / 5P
   SOTiny Gate ST 2-Input
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com