Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD210G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJD210G
Description  Complementary Plastic Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD210G Datasheet(HTML) 5 Page - ON Semiconductor

  MJD210G Datasheet HTML 1Page - ON Semiconductor MJD210G Datasheet HTML 2Page - ON Semiconductor MJD210G Datasheet HTML 3Page - ON Semiconductor MJD210G Datasheet HTML 4Page - ON Semiconductor MJD210G Datasheet HTML 5Page - ON Semiconductor MJD210G Datasheet HTML 6Page - ON Semiconductor MJD210G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MJD200 (NPN), MJD210 (PNP)
http://onsemi.com
5
t, TIME (ms)
0.01
0.02
0.05
1
2
5
10
20
50
100
200
0.1
0.5
0.2
1
0.2
0.1
0.05
RqJC(t) = r(t) qJC
RqJC = 10°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0 (SINGLE PULSE)
Figure 8. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0.1
0.02
0.01
10
VCE, COLLECTOR−EMITTER VOLTAGE (V)
0.01
30
2
5
0.1
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
Figure 9. Active Region Safe Operating Area
500
ms
dc
1
3
1ms
20
10
7
5
3
2
1
0.3
100
ms
TJ = 150°C
5ms
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 9 is based on TJ(pk) = 150
°C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
≤ 150°C. TJ(pk) may be calculated from the data in Figure 8.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown.
200
VR, REVERSE VOLTAGE (V)
20
40
70
100
30
Figure 10. Capacitance
50
20
10
6
4
2
1
0.4
0.6
TJ = 25°C
MJD200 (NPN)
MJD210 (PNP)
Cob
Cib


Similar Part No. - MJD210G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD210G ONSEMI-MJD210G Datasheet
87Kb / 6P
   Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
MJD210G ONSEMI-MJD210G Datasheet
138Kb / 6P
   Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
logo
Unisonic Technologies
MJD210G-TM3-T UTC-MJD210G-TM3-T Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
MJD210G-TM3-T UTC-MJD210G-TM3-T Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
MJD210G-TN3-R UTC-MJD210G-TN3-R Datasheet
209Kb / 5P
   PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
More results

Similar Description - MJD210G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD200 ONSEMI-MJD200_11 Datasheet
138Kb / 6P
   Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
MJD200 ONSEMI-MJD200_06 Datasheet
87Kb / 6P
   Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
MJD200 ONSEMI-MJD200 Datasheet
236Kb / 6P
   Complementary Plastic Power Transistors
1995 REV 1
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
CJD110 CDIL-CJD110 Datasheet
105Kb / 6P
   COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com