Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD2955G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD2955G
Description  Complementary Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD2955G Datasheet(HTML) 4 Page - ON Semiconductor

  MJD2955G Datasheet HTML 1Page - ON Semiconductor MJD2955G Datasheet HTML 2Page - ON Semiconductor MJD2955G Datasheet HTML 3Page - ON Semiconductor MJD2955G Datasheet HTML 4Page - ON Semiconductor MJD2955G Datasheet HTML 5Page - ON Semiconductor MJD2955G Datasheet HTML 6Page - ON Semiconductor MJD2955G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJD2955 (PNP), MJD3055 (NPN)
http://onsemi.com
4
Figure 6. “On” Voltages, MJD2955
2
0.1
0
0.2 0.3
0.5
1
3
10
0.8
1.6
1.2
0.4
5
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 3 V
Figure 7. Switching Time Test Circuit
Figure 8. Thermal Response
t, TIME (ms)
1
0.01
0.02
0.7
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
500
RqJC(t) = r(t) RqJC
RqJC = 6.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.02
0.01
SINGLE PULSE
0.1
0.1
0.5
0.2
1 k
0.5
0.3
0.07
0.03
0.03
0.3
3
30
300
IC, COLLECTOR CURRENT (AMP)
2
+11 V
25
ms
0
-9 V
RB
-4 V
D1
SCOPE
VCC
+30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
D1 MUST BE FAST RECOVERY TYPE, eg:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
0.01
Figure 9. Maximum Forward Bias
Safe Operating Area
0.01
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.02
5
2
1
10
0.5
0.1
TJ = 150°C
1ms
dc
3
0.3
0.6
1
2
60
20
40
WIRE BOND LIMIT
THERMAL LIMIT TC = 25°C (D = 0.1)
SECOND BREAKDOWN LIMIT
10
6
4
500
ms
0.03
0.05
100
ms
5ms
Forward Bias Safe Operating Area Information
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 9 is based on TJ(pk) = 150
_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided
TJ(pk)
≤ 150_C. TJ(pk) may be calculated from the data in
Figure 8. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - MJD2955G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD2955G ONSEMI-MJD2955G Datasheet
78Kb / 6P
   Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
MJD2955G ONSEMI-MJD2955G Datasheet
123Kb / 6P
   Complementary Power Transistors
January, 2011 ??Rev. 10
MJD2955G ONSEMI-MJD2955G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
More results

Similar Description - MJD2955G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com