Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBT35200MT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBT35200MT1
Description  High Current Surface Mount PNP Silicon Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT35200MT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MBT35200MT1_13 Datasheet HTML 1Page - ON Semiconductor MBT35200MT1_13 Datasheet HTML 2Page - ON Semiconductor MBT35200MT1_13 Datasheet HTML 3Page - ON Semiconductor MBT35200MT1_13 Datasheet HTML 4Page - ON Semiconductor MBT35200MT1_13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBT35200MT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typical
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−35
−45
Vdc
Collector−Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−55
−65
Vdc
Emitter−Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−5.0
−7.0
Vdc
Collector Cutoff Current
(VCB = −35 Vdc, IE = 0)
ICBO
−0.03
−0.1
mAdc
Collector−Emitter Cutoff Current
(VCES = −35 Vdc)
ICES
−0.03
−0.1
mAdc
Emitter Cutoff Current
(VEB = −4.0 Vdc)
IEBO
−0.01
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 1)
(IC = −1.0 A, VCE = −1.5 V)
(IC = −1.5 A, VCE = −1.5 V)
(IC = −2.0 A, VCE = −3.0 V)
hFE
100
100
100
200
200
200
400
Collector−Emitter Saturation Voltage (Note 1)
(IC = −0.8 A, IB = −0.008 A)
(IC = −1.2 A, IB = −0.012 A)
(IC = −2.0 A, IB = −0.02 A)
VCE(sat)
−0.125
−0.175
−0.260
−0.15
−0.20
−0.31
V
Base −Emitter Saturation Voltage (Note 1)
(IC = −1.2 A, IB = −0.012 A)
VBE(sat)
−0.68
−0.85
V
Base −Emitter Turn−on Voltage (Note 1)
(IC = −2.0 A, VCE = −3.0 V)
VBE(on)
−0.81
−0.875
V
Cutoff Frequency
(IC = −100 mA, VCE = −5.0 V, f = 100 MHz)
fT
100
MHz
Input Capacitance (VEB = −0.5 V, f = 1.0 MHz)
Cibo
600
650
pF
Output Capacitance (VCB = −3.0 V, f = 1.0 MHz)
Cobo
85
100
pF
Turn−on Time (VCC = −10 V, IB1 = −100 mA, IC = −1 A, RL = 3 W)
ton
35
nS
Turn−off Time (VCC = −10 V, IB1 = IB2 = −100 mA, IC = 1 A, RL = 3 W)
toff
225
nS
1. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%


Similar Part No. - MBT35200MT1_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBT35200MT1G ONSEMI-MBT35200MT1G Datasheet
64Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
June, 2005 ??Rev. 2
MBT35200MT1G ONSEMI-MBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon
August, 2013 ??Rev. 5
MBT35200MT1 ONSEMI-MBT35200MT1_05 Datasheet
64Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
June, 2005 ??Rev. 2
More results

Similar Description - MBT35200MT1_13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT589LT1 MOTOROLA-MMBT589LT1 Datasheet
113Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT589LT1 ONSEMI-MMBT589LT1 Datasheet
113Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2001 ??Rev. 1
NSL5TT1 ONSEMI-NSL5TT1 Datasheet
170Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2006 ??Rev. 1
MMBT589LT1G ONSEMI-MMBT589LT1G Datasheet
111Kb / 5P
   High Current Surface Mount PNP Silicon Switching
October, 2016 ??Rev. 7
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751 Datasheet
73Kb / 2P
   SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
CTLT953-M833S CENTRAL-CTLT953-M833S Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com