Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD5731 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD5731
Description  High Voltage PNP Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD5731 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD5731_13 Datasheet HTML 1Page - ON Semiconductor MJD5731_13 Datasheet HTML 2Page - ON Semiconductor MJD5731_13 Datasheet HTML 3Page - ON Semiconductor MJD5731_13 Datasheet HTML 4Page - ON Semiconductor MJD5731_13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJD5731
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
350
Vdc
Collector Cutoff Current
(VCE = 250 Vdc, IB = 0)
ICEO
0.1
mAdc
Collector Cutoff Current
(VCE = 350 Vdc, VBE = 0)
ICES
0.01
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
0.5
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 0.3 Adc, VCE = 10 Vdc)
(IC = 1.0 Adc, VCE = 10 Vdc)
hFE
30
10
175
Collector−Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.2 Adc)
VCE(sat)
1.0
Vdc
Base−Emitter On Voltage
(IC = 1.0 Adc, VCE = 10 Vdc)
VBE(on)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(IC = 0.2 Adc, VCE = 10 Vdc, f = 2.0 MHz)
fT
10
MHz
Small−Signal Current Gain
(IC = 0.2 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
25
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
TJ = 25°C
0.03
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
2.0
0.02 0.03
0.05
0.1
0.2
0.5
1.0
2.0
30
10
3.0
Figure 2. Collector−Emitter Saturation Voltage
0.02
IC, COLLECTOR CURRENT (AMPS)
0
0.05
0.3
1.2
5.0
VCE = 10 V
1.0
2.0
1.4
1
TJ = 150°C
20
0.5
0.3
0.8
0.6
0.1
VCE(sat)) @ IC/IB = 5.0
0.2
0.2
0.4
25
°C
-55
°C
100
50
200
150
°C
-55
°C


Similar Part No. - MJD5731_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
More results

Similar Description - MJD5731_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
   High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731 ONSEMI-MJD5731_11 Datasheet
119Kb / 5P
   High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJE5730 ONSEMI-MJE5730_06 Datasheet
82Kb / 5P
   High Voltage PNP Silicon Plastic Power Transistors
February, 2006 ??Rev. 5
MJE5730 ONSEMI-MJE5730_15 Datasheet
82Kb / 6P
   High Voltage PNP Silicon Plastic Power Transistors
January, 2015 ??Rev. 8
logo
New Jersey Semi-Conduct...
DTS401 NJSEMI-DTS401 Datasheet
91Kb / 1P
   NPN & PNP HIGH VOLTAGE SILICON HIGH POWER TRANSISTORS
logo
ON Semiconductor
MMBTA92LT1 ONSEMI-MMBTA92LT1 Datasheet
53Kb / 4P
   High Voltage Transistors(PNP Silicon)
November, 2003 ??Rev. 4
logo
Infineon Technologies A...
BFN19 INFINEON-BFN19 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
BFN39 INFINEON-BFN39 Datasheet
67Kb / 6P
   PNP Silicon High-Voltage Transistors
2007-03-29
logo
Micro Electronics
BF491 MICRO-ELECTRONICS-BF491 Datasheet
159Kb / 2P
   PNP SILICON HIGH VOLTAGE TRANSISTORS
logo
ON Semiconductor
BF421 ONSEMI-BF421 Datasheet
82Kb / 4P
   High Voltage Transistors(PNP Silicon)
1998 REV 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com