Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPR10-N-123-2110-0 Datasheet(PDF) 1 Page - ETAL Group

Part # MPR10-N-123-2110-0
Description  water-proof and dust-proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

MPR10-N-123-2110-0 Datasheet(HTML) 1 Page - ETAL Group

  MPR10-N-123-2110-0 Datasheet HTML 1Page - ETAL Group MPR10-N-123-2110-0 Datasheet HTML 2Page - ETAL Group MPR10-N-123-2110-0 Datasheet HTML 3Page - ETAL Group MPR10-N-123-2110-0 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
1
Mechanical Power Relays MPR
1638
5
Description
The mechanical power relays are a product group of electro-mechan-
ical high current relays.
These relays have been designed for the use in utility vehicles and
passenger cars and are able to switch or carry up to 300 A continuous
load at 12 or 24 V DC.
The high number of operating cycles at rated load, including
capacitive and inductive loads, make these power relays particularly
suitable for the utility vehicle sector.
The main terminals are stud terminals. Screw flanges allow horizontal
and vertical mounting. Thus these relays can replace any conventional
power relays in the market.
Versions
Applications
Features and Benefits
l
single-pole make contact
l
bistable
l
side mount flanges as standard version
l
extendable mounting with foot flange or side flange with
standard hole sizes and also customised mouting methods
l
standard: screw terminals for the activation
l
battery isolation switch or battery switch-over relay
l
switching of high-capacity loads
(examples: air-conditioning, compressor units)
l
replacement of massive cylindrical standard automotive relays
l
water-proof and dust-proof
l
side mount and foot mount
l
low weight
l
long life span
l
high continuous current
l
low current consumption and power loss
l
wide temperature range
l
free-wheeling diode optional
l
overheating protection optional
l
barrier between main terminals
Technical Data
Load circuit
Rated voltage
UN
12 V DC, 24 V DC
Continuous current IN
100 A, 200 A, 300 A
Overload
20 s
2 × IN
1 s
8 × IN
Contact voltage
drop 1)
max. 150 mV
(initially)
max. 175 mV
(after typical life)
Control circuit
Operating voltage
12 V DC:
9...16 V DC
24 V DC:
16...32 V DC
Coil power
bistable
< 60 W (50 ms)
Pulse duration
50 ms...1 s
General
Typical life 2)
mechanical
> 100,000 cycles
resistive
> 50,000 cycles (300 A)
Voltage
resistance
1050 V / 1 min
to ISO 16750-2, Code F
Insulation
resistance
> 100 MΩ (initially) to ISO 16750-2, Code F
Temperature range
-40…+85 °C
Degree of
protection
housing IP 6K9K to ISO 20563
terminal area IP00 to ISO 20653
Vibration
57,9 m/s2 to ISO 16750-3 Kap. 4.1.2.7
Shock
500 m/s2: ON position
300 m/s2: OFF position
to ISO 16750-3 Kap. 4.2.2
Corrosion
5 % salt mist to ISO 16750-4
Cap. 5.5 Code H
Humidity
85 % rel. humidity to ISO 16750-4
Cap. 5.7 Code H
Chemical resistance to ISO 16750-5
Oil, hydraulic liquids, alcohol, urea, extinguishing agents, battery
acid, detergents, grease, cold cleaner
Flammability
meets the requirements to
ECE-R 118 02 app. 6.7
Dimensions
w x h x d (without terminals or flanges)
Single pole, bistable 49.6 (62) × 91.3 × 45.8 [mm]
Mass single pole
≤ 290 g
Tightening torque
values
M10 studs
15 Nm
M8 studs
12 Nm
M4 screws 2.0 Nm
M5 side flange 6,0 Nm
1) at rated current
2) typical for a bistable relay
Authority
Approval mark
Regulation
Rated voltage
KBA
E1 10R-047621
ECE-R 10
24 V
Approvals


Similar Part No. - MPR10-N-123-2110-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPR10A ETC-MPR10A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
More results

Similar Description - MPR10-N-123-2110-0

ManufacturerPart #DatasheetDescription
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
TOKO, Inc
STA8121 TOKO-STA8121 Datasheet
118Kb / 1P
   Dust and Water proof structure
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
List of Unclassifed Man...
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
Axiomtek Co., Ltd.
GOT815-834 AXIOMTEK-GOT815-834 Datasheet
452Kb / 2P
   Water/dust/corrosion-proof design IP66/IP69K
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
logo
Omron Electronics LLC
EE-SX1161-W11 OMRON-EE-SX1161-W11 Datasheet
180Kb / 2P
   Dust-proof model.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com