Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F653EWQN-G-SNERE1 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB95F653EWQN-G-SNERE1
Description  F2MC-8FX CPU core
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F653EWQN-G-SNERE1 Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB95F653EWQN-G-SNERE1 Datasheet HTML 1Page - Cypress Semiconductor MB95F653EWQN-G-SNERE1 Datasheet HTML 2Page - Cypress Semiconductor MB95F653EWQN-G-SNERE1 Datasheet HTML 3Page - Cypress Semiconductor MB95F653EWQN-G-SNERE1 Datasheet HTML 4Page - Cypress Semiconductor MB95F653EWQN-G-SNERE1 Datasheet HTML 5Page - Cypress Semiconductor MB95F653EWQN-G-SNERE1 Datasheet HTML 6Page - Cypress Semiconductor MB95F653EWQN-G-SNERE1 Datasheet HTML 7Page - Cypress Semiconductor MB95F653EWQN-G-SNERE1 Datasheet HTML 8Page - Cypress Semiconductor MB95F653EWQN-G-SNERE1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 105 page
background image
Document Number: 002-04696 Rev. *A
Page 5 of 105
MB95650L Series
(Continued)
Part number
Parameter
MB95F652E MB95F653E MB95F654E MB95F656E MB95F652L MB95F653L MB95F654L MB95F656L
UART/SIO
1 channel (The channel can be used either as a UART/SIO channel or as an I2C bus interface channel.)
• Data transfer with UART/SIO is enabled.
• It has a full duplex double buffer, variable data length (5/6/7/8 bits), an internal baud rate generator and an
error detection function.
• It uses the NRZ type transfer format.
• LSB-first data transfer and MSB-first data transfer are available to use.
• Both clock asynchronous (UART) serial data transfer and clock synchronous (SIO) serial data transfer are
enabled.
I2C bus
interface
2 channels (One of the two channels can be used either as an I2C bus interface channel or as a UART/SIO
channel.)
• Master/slave transmission and reception
• It has the following functions: bus error function, arbitration function, transmission direction detection function,
wake-up function, and functions of generating and detecting repeated START conditions.
Watch prescaler
Eight different time intervals can be selected.
Flash memory
• It supports automatic programming (Embedded Algorithm), and program/erase/erase-suspend/erase-resume
commands.
• It has a flag indicating the completion of the operation of Embedded Algorithm.
• Flash security feature for protecting the content of the Flash memory
Standby mode
There are four standby modes as follows:
• Stop mode
• Sleep mode
• Watch mode
• Time-base timer mode
Package
FPT-24P-M10
FPT-24P-M34
LCC-32P-M19
Number of program/erase cycles
1000
10000
100000
Data retention time
20 years
10 years
5 years


Similar Part No. - MB95F653EWQN-G-SNERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613HPMC-G-SNE2 CYPRESS-MB95F613HPMC-G-SNE2 Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613K CYPRESS-MB95F613K Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613KPMC-G-SNE2 CYPRESS-MB95F613KPMC-G-SNE2 Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F614H CYPRESS-MB95F614H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
More results

Similar Description - MB95F653EWQN-G-SNERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
logo
Cypress Semiconductor
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com