Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK-MB9DF125-001 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # SK-MB9DF125-001
Description  SpansionR Analog and Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SK-MB9DF125-001 Datasheet(HTML) 7 Page - Cypress Semiconductor

  SK-MB9DF125-001 Datasheet HTML 1Page - Cypress Semiconductor SK-MB9DF125-001 Datasheet HTML 2Page - Cypress Semiconductor SK-MB9DF125-001 Datasheet HTML 3Page - Cypress Semiconductor SK-MB9DF125-001 Datasheet HTML 4Page - Cypress Semiconductor SK-MB9DF125-001 Datasheet HTML 5Page - Cypress Semiconductor SK-MB9DF125-001 Datasheet HTML 6Page - Cypress Semiconductor SK-MB9DF125-001 Datasheet HTML 7Page - Cypress Semiconductor SK-MB9DF125-001 Datasheet HTML 8Page - Cypress Semiconductor SK-MB9DF125-001 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
D
D
C
C
B
B
A
A
5
7
SK-MB9DF125-001
Michael Köhler
05_power.SchDoc
Product:
Date:
File:
Sheet:
of
Drawn by:
5/10/2012
Doc Revision:
HW Revision:
V0.3
V1.0
Fujitsu Semiconductor
Europe GmbH
http://mcu.emea.fujitsu.com
microcontroller_info@de.fujitsu.com
L10
1.5µH
C75
2n2
C66
220n
C73
4µ7
GND
Solder exposed Pad to
large copper plane
under IC.
LT1765EFE-5
Vin
3
SW
5
SHDN
11
FB
12
Vin
4
SW
6
NC
7
NC
10
NC
15
U5
D1
BAT42W
10MQ040N
D4
GND
C67
220µ
Vin
S1
Power ON/OFF
4
2
X4
DCIN
Outer = GND
C88
2n2
C80
220n
C87
4µ7
GND
Solder exposed Pad to
large copper plane
under IC.
LT1765EFE-3.3
Vin
3
SW
5
SHDN
11
FB
12
Vin
4
SW
6
NC
7
NC
10
NC
15
U6
10MQ040N
D6
GND
C81
220µ
5V0
/************************************************************************/
/*
(C) Fujitsu Semiconductor Europe GmbH
*/
/* The schematic is provided without charge for demonstration purposes
*/
/* only, subject to alterations.
*/
/* FSEU does not warrant that the deliverables do not infringe any
*/
/* third party intellectual property right (IPR). In the event that
*/
/* the deliverables infringe a third party IPR it is the sole
*/
/* responsibility of the customer to obtain necessary licenses to
*/
/* continue the usage of the deliverable.
*/
/* FSEU disclaims any warranty and liability.
*/
/* (V1.3)
*/
/************************************************************************/
All parts in brackets [] are not solderd
VIN
1
RON
2
EN
3
SS
5
FB
6
VOUT
7
U7
LMZ14203
GND
GND
1V2
3V3
GND
GND
GND
GND
C97
22n
L11
BLM31PG121SN1
GND
D2
MBRA340T3
D3
P6SMB18A
GND
C68
100µ
9..12VDC/3A
D5
BAT42W
5V0
5V0
3V3
C94
100µ
C96
100µ
C74
10µ
3V3
R36
10k
T1
BC847C
GND
R35
150R
2
3
T2
BSS84
LD4
LEDrd/2mA
R38
680R
RST_X_VDP5
align in one row at PCB-edge
R30
680R
R29
1k5
LD1
LEDor/2mA
LD2
LEDye/2mA
LD3
LEDgn/4mA
3V3
1V2
R39
10k
GND
1V2
MCU_VDD
L12
BLM21PG221SN1D
C71
100n
C70
10µ
C69
100n
C72
1n
MCU_VDP3
L13
BLM21PG221SN1D
MCU_DVCC
MCU_VDP5
L16
BLM21PG600SN1D
GND
C78
100n
C77
10µ
C76
100n
C79
1n
3V3
L15
BLM21PG221SN1D
GND
C84
100n
C83
10µ
C82
100n
C85
1n
GND
C91
100n
C90
10µ
C89
100n
C92
1n
*1
5V0
*3
*1: Jumpers
closed: connect to power (default)
open: disconnect (allows current measurment)
Vin_prot
GND
*3: Jumpers
1-2: select 3.3V source
2-3: select 5.0V source (default)
open: disconnect from sources
VDP5
DVCC
JP18
DVCC
JP20
VDP5
JP21
MCU_VDP5
JP19
MCU_DVCC
JP17
MCU_VDP3
JP15
MCU_VDD
Vcc3
1
Vcc5
2
VccA
3
GND
4
RST
5
RST
6
SRST
7
PBR
8
U8
LTC1326CS8
3V3
GND
R37
30k/1%
GND
SW1
RESET
GND
1V2
R34
1k69/1%
System-voltage supervisor (SVS), manual reset
C98
100n
5V0
JP22
SVS_EN
*7
*7: Jumper
closed: enable svs-reset (default)
open: disable svs-reset
close to pad
R32
10k
VDP5
2Y
4
1Y
6
GND
2
1A
1
VCC
5
2A
3
U9
SN74LVC2G07DCK
close to LTC1326CS8
3V3
GND
RST_X_VDP5
3V3
RST_X_3V3
R33
10k
R31
10k
3V3
C86
10µ
C95
10µ
R23
0R0
R26
0R0
L14
1.5µH
Monitoring-LEDs
Power-Routing
Power Supply
C93
22n
HDR1
5V0
HDR3
3V3
HDR6
1V2
HDR2
VIN_prot
HDR4
GND
HDR5
GND
GND
R25
37k4
R27
10k
R28
1k07/1%
R24
536R/1%
GND
use diagonal pads!
double check!
RST_X_VDP5
RST_X_3V3


Similar Part No. - SK-MB9DF125-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
   SCREW MOUNTING
logo
Delta Electronics, Inc.
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
   SCREW MOUNTING
logo
List of Unclassifed Man...
SK-1000 ETC2-SK-1000 Datasheet
652Kb / 2P
   SCREW MOUNTING
logo
Delta Electronics, Inc.
SK-1000 DELTA-SK-1000 Datasheet
652Kb / 2P
   SCREW MOUNTING
logo
List of Unclassifed Man...
SK-1007A ETC2-SK-1007A Datasheet
652Kb / 2P
   SCREW MOUNTING
More results

Similar Description - SK-MB9DF125-001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3212 MAXIM-MAXQ3212 Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
logo
Analog Devices
ADUCM430 AD-ADUCM430_V01 Datasheet
88Kb / 2P
   Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
   Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
logo
Analog Devices
ADUCM310 AD-ADUCM310 Datasheet
547Kb / 28P
   Precision Analog Microcontroller, Tunable Optical Control Microcontroller
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
   Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
ADUCM360 AD-ADUCM360 Datasheet
431Kb / 21P
   Low Power Precision Analog Microcontroller
Rev. Pr R
logo
Texas Instruments
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Analog Devices
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com