Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F652E Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB95F652E
Description  F2MC-8FX CPU core
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F652E Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB95F652E Datasheet HTML 1Page - Cypress Semiconductor MB95F652E Datasheet HTML 2Page - Cypress Semiconductor MB95F652E Datasheet HTML 3Page - Cypress Semiconductor MB95F652E Datasheet HTML 4Page - Cypress Semiconductor MB95F652E Datasheet HTML 5Page - Cypress Semiconductor MB95F652E Datasheet HTML 6Page - Cypress Semiconductor MB95F652E Datasheet HTML 7Page - Cypress Semiconductor MB95F652E Datasheet HTML 8Page - Cypress Semiconductor MB95F652E Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
MB95650L Series
New 8FX 8-bit Microcontrollers
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-04696 Rev. *A
Revised April 12, 2016
The MB95650L Series is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction set, the
microcontrollers of this series contain a variety of peripheral functions.
Features
F2MC-8FX CPU core
Instruction set optimized for controllers
Multiplication and division instructions
16-bit arithmetic operations
Bit test branch instructions
Bit manipulation instructions, etc.
Clock
Selectable main clock source
Main oscillation clock (up to 16.25 MHz, maximum machine
clock frequency: 8.125 MHz)
External clock (up to 32.5 MHz, maximum machine clock
frequency: 16.25 MHz)
Main CR clock (4 MHz 2%)
Main CR PLL clock
• The main CR PLL clock frequency becomes 8 MHz
2%
when the PLL multiplication rate is 2.
• The main CR PLL clock frequency becomes 10 MHz
2%
when the PLL multiplication rate is 2.5.
• The main CR PLL clock frequency becomes 12 MHz
2%
when the PLL multiplication rate is 3.
• The main CR PLL clock frequency becomes 16 MHz
2%
when the PLL multiplication rate is 4.
Main PLL clock (maximum machine clock frequency:
16 MHz)
Selectable subclock source
Suboscillation clock (32.768 kHz)
External clock (32.768 kHz)
Sub-CR clock (Typ: 100 kHz, Min: 50 kHz, Max: 150 kHz)
Timer
8/16-bit composite timer  2 channels
Time-base timer  1 channel
Watch prescaler  1 channel
UART/SIO
 1 channel (The channel can be used either
as a UART/SIO channel or as an I2C bus interface
channel.)
The function of this channel can be switched between
UART/SIO and I2C bus interface.
Full duplex double buffer
Capable of clock asynchronous (UART) serial data transfer and
clock synchronous (SIO) serial data transfer
I2C bus interface
 2 channels (One of the two channels
can be used either as an I2C bus interface channel or
as a UART/SIO channel.)
Supports Standard-mode and Fast-mode (400 kHz).
Built-in wake-up function
LIN-UART
Full duplex double buffer
Capable of clock asynchronous serial data transfer and clock
synchronous serial data transfer
External interrupt
 6 channels
Interrupt by edge detection (rising edge, falling edge, and both
edges can be selected)
Can be used to wake up the device from different low power
consumption (standby) modes
8/12-bit A/D converter
 6 channels
8-bit or 12-bit resolution can be selected.
Low power consumption (standby) modes
There are four standby modes as follows:
Stop mode
Sleep mode
Watch mode
Time-base timer mode
I/O port
MB95F652E/F653E/F654E/F656E (number of I/O ports: 21)
General-purpose I/O ports (CMOS I/O)
: 17
General-purpose I/O ports (N-ch open drain)
: 4
MB95F652L/F653L/F654L/F656L (number of I/O ports: 20)
General-purpose I/O ports (CMOS I/O)
: 17
General-purpose I/O ports (N-ch open drain)
: 3
On-chip debug
1-wire serial control
Serial writing supported (asynchronous mode)
Hardware/software watchdog timer
Built-in hardware watchdog timer
Built-in software watchdog timer


Similar Part No. - MB95F652E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613HPMC-G-SNE2 CYPRESS-MB95F613HPMC-G-SNE2 Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613K CYPRESS-MB95F613K Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613KPMC-G-SNE2 CYPRESS-MB95F613KPMC-G-SNE2 Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F614H CYPRESS-MB95F614H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
More results

Similar Description - MB95F652E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
logo
Cypress Semiconductor
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com